Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5332 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS5332 Datasheet HTML 12Page - ON Semiconductor CS5332 Datasheet HTML 13Page - ON Semiconductor CS5332 Datasheet HTML 14Page - ON Semiconductor CS5332 Datasheet HTML 15Page - ON Semiconductor CS5332 Datasheet HTML 16Page - ON Semiconductor CS5332 Datasheet HTML 17Page - ON Semiconductor CS5332 Datasheet HTML 18Page - ON Semiconductor CS5332 Datasheet HTML 19Page - ON Semiconductor CS5332 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
CS5332
http://onsemi.com
18
GATE(H)2
VCCH2
VFB
VDRP
COMP
Figure 18. Additional Application Diagram, 5.0 V only to 2.5 V
ENABLE
25.5 k
VOUT
GL2
1 nF
CS1
CS2
PWRGD
VID0
VID3
ILIM
REF
GND2
GATE(L)2
SS
VCCL2
GATE(L)1
LGND
VCCH1
GATE(H)1
GND1
VCCL
ROSC
VID1
CSREF
VID4
VID2
GL1
VIN
300 nH
1.0 μF
1.0 μF
1.0 μF
1.2 μH
1.2 μH
0.1 μF
0.1 μF
2.8 k
1.0 k
25.5 k
0.1 μF
0.1 μF
PWRGD
3 × 4SP560M
12.7 k
2.74 k
25.4 k
56.2 k
1 nF
10 k
1 nF
1.0 μF
0.1 μF
+
3 × 10 μF
VCCL1
GATE(H)2
VID4
VID3
VID2
VID1
VID0
ENABLE
VOUT
COMP
VFB
CS1
CS2
PWRGD
VID0
VID3
ILIM
REF
VCCH1
SS
GND2
GATE(L)2
VCCL2
LGND
VCCL1
GATE(H)1
GND1
GATE(L)1
VCCL
ROSC
VID1
VDRP
CSREF
VID4
VID2
PWRGD
+12 V
+5 V
Figure 19. Additional Application Diagram, 5.0 V to 1.6 V with 12 V Bias
VCCH2
2.74 k
1.0 nF
.01 μF
.01 μF
.01 μF
0.1 μF
1.0 nF
1.0 nF
56.2 k
25.4 k
12.7 k
25.5 k
25.5 k
1.0 k
4.87 k
1.0 μF
470 nH
12 × 1.0 μF
8 × 4SP560M
+
+
300 nH
1.0 μF
0.1 μF
3 × 16SP270M
470 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com