Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8481 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8481
Description  3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8481 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8481 Datasheet HTML 1Page - ON Semiconductor CS8481 Datasheet HTML 2Page - ON Semiconductor CS8481 Datasheet HTML 3Page - ON Semiconductor CS8481 Datasheet HTML 4Page - ON Semiconductor CS8481 Datasheet HTML 5Page - ON Semiconductor CS8481 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CS8481
http://onsemi.com
2
Figure 1. Block Diagram
+
−
+
−
Primary Output
Current Limit
+
−
Secondary Output
Current Limit
Overvoltage
Shutdown
Bandgap
Reference
Thermal
Shutdown
GND
Pwr GND
ENABLE
VIN
VOUT1 (3.3 V)
VOUT1SENSE
VOUT2 (5.0 V)
VOUT2SENSE
MAXIMUM RATINGS*
Rating
Value
Unit
Input Voltage (VIN)
Operating Range
Reverse Battery
Peak Transient Voltage (60 V Load Dump @ 14 V VIN)
30
−15
74
V
V
V
ENABLE
10
V
Power Dissipation
Internally Limited
−
Maximum Junction Temperature
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
Electrostatic Discharge (Human Body Model)
4.0
kV
Lead Temperature Soldering
Reflow (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183
°C
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com