Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8481 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8481
Description  3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8481 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8481 Datasheet HTML 1Page - ON Semiconductor CS8481 Datasheet HTML 2Page - ON Semiconductor CS8481 Datasheet HTML 3Page - ON Semiconductor CS8481 Datasheet HTML 4Page - ON Semiconductor CS8481 Datasheet HTML 5Page - ON Semiconductor CS8481 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS8481
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS: (6.0 V
≤ VIN ≤ 26 V, IOUT1 = IOUT2 = 100 mA, −40°C ≤ TA ≤ 125°C,
−40
°C ≤ TC ≤ 125°C; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Primary Output Stage (VOUT1)
Output Voltage, VOUT1
100
mA ≤ IOUT1 ≤ 250 mA
3.2
3.3
3.4
V
Line Regulation
6.0 V
≤ VIN ≤ 26 V
−
5.0
50
mV
Load Regulation
1.0 mA
≤ IOUT1 ≤ 250 mA, VIN = 14 V
−
5.0
50
mV
Quiescent Current
ENABLE = HIGH, VIN = 16V, IOUT1 = 250 mA
−
22
50
mA
Ripple Rejection
f = 120 Hz, IOUT1 = 125 mA, 7.0 V ≤ VIN ≤ 17 V
60
70
−
dB
Current Limit
9.0 V
≤ VIN ≤ 26 V
260
400
−
mA
Short Circuit Current Limit
VOUT1 = 0 V, VIN = 16 V
25
−
−
mA
Reverse Current
VOUT1 = 3.3 V, VIN = 0 V
−
100
1500
mA
Secondary Output (VOUT2)
Output Voltage, (VOUT2)
100
mA ≤ IOUT2 ≤ 100 mA
4.85
5.00
5.15
V
Dropout Voltage
IOUT2 = 100 mA
IOUT2 = 100 mA
−
400
100
600
150
mV
mV
Line Regulation
6.0 V
≤ VIN ≤ 26 V
−
5.0
50
mV
Load Regulation
100
mA ≤ IOUT2 ≤ 100 mA, VIN = 14 V
−
5.0
50
mV
Quiescent Current
ENABLE = LOW, VIN = 12.8 V
ENABLE = HIGH, VIN = 16 V, IOUT2 = 100 mA
−
−
100
8.0
150
30
mA
mA
Ripple Rejection
f = 120 Hz; IOUT2 = 10 mA, 7.0 V ≤ VIN ≤ 17 V
60
70
−
dB
Current Limit
9.0 V
≤ VIN ≤ 26 V
105
200
−
mA
Short Circuit Current Limit
VOUT2 = 0 V, VIN = 16 V, IOUT1 = 0 A
25
−
−
mA
Reverse Current
VOUT2 = 5.0 V, VIN = 0 V
−
100
250
mA
ENABLE Function (ENABLE)
Input Threshold
ENABLE = LOW, 6.0 V
≤ VIN ≤ 26 V
ENABLE = HIGH, 6.0 V
≤ VIN ≤ 26 V
−
2.0
1.2
1.2
0.8
−
V
V
Input Bias Current
0 V
≤ VENABLE ≤ 5.0 V
−2.0
0
2.0
mA
Protection Circuits
Overtemperature Threshold
Note 2
150
180
−
°C
Overvoltage Shutdown
−
30
34
38
V
2. Guaranteed by Design.
PACKAGE PIN DESCRIPTION
PACKAGE LEAD #
D2PAK−5
LEAD SYMBOL
FUNCTION
1
VIN
Supply voltage to IC, usually direct from battery.
2
VOUT1
3.3 V regulated output which is activated by ENABLE input.
3
GND
Ground connection.
4
VOUT2
Standby output 5.0 V, 100 mA capability; always on.
5
ENABLE
CMOS compatible input lead; switches VOUT1. When ENABLE
is high, VOUT1 is active.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com