Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8481 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8481
Description  3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8481 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8481 Datasheet HTML 1Page - ON Semiconductor CS8481 Datasheet HTML 2Page - ON Semiconductor CS8481 Datasheet HTML 3Page - ON Semiconductor CS8481 Datasheet HTML 4Page - ON Semiconductor CS8481 Datasheet HTML 5Page - ON Semiconductor CS8481 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 9
1
Publication Order Number:
CS8481/D
CS8481
3.3 V/250 mA, 5.0 V/100 mA
Micropower Low Dropout
Regulator with ENABLE
The CS8481 is a precision, dual Micropower linear voltage
regulator. The switched 3.3 V primary output (VOUT1) supplies up to
250 mA while the secondary 5.0 V (VOUT2) is capable of supplying
100 mA. Both outputs have a maximum dropout voltage of 600 mV
and low reverse current. Quiescent current drain is typically 150
mA
when supplying 100
mA from each output.
The ENABLE input provides logic level control of the primary
output. With the primary output disabled, quiescent current drain is
typically 100
mA when supplying 100 mA from the secondary output.
The CS8481 is extremely robust with protection provided for
reverse battery, short circuit, overvoltage, and overtemperature on
both outputs.
The CS8481 is available in a D2PAK−5.
Features
• 3.3 V/250 mA Primary Output
• 5.0 V/100 mA Secondary Output
• 3.0% Tolerance, Both Outputs
• ON/OFF Control for Primary Output
• Low Quiescent Current Drain (100 mA V
OUT2)
• Low Reverse Current
• Protection Features
− Reverse Battery (−15 V)
− 74 V Peak Transient Voltage
− Short Circuit
− Overtemperature
− Overvoltage (34 V)
PIN CONNECTIONS AND
MARKING DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION*
50 Units/Rail
CS8481YDP5
D2PAK−5
750 Tape & Reel
CS8481YDPR5
D2PAK−5
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
*Consult your local sales representative for SO−8,
SO−16, DIP−8, DIP−16, TO−220−5, and D2PAK−7
packaging options.
D2PAK−5
DP SUFFIX
CASE 936AC
1
5
CS8481
AWLYWW
1
Tab = GND
Pin 1. VIN
2. VOUT1
3. GND
4. VOUT2
5. ENABLE
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - CS8481

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS84 TRANSKO-CS84 Datasheet
220Kb / 1P
CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)
Rev. 4: 10-10-19
logo
SICK AG
CS84-N1112 SICK-CS84-N1112 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-N3612 SICK-CS84-N3612 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-P1112 SICK-CS84-P1112 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-P3612 SICK-CS84-P3612 Datasheet
1Mb / 7P
COLOR SENSORS
More results

Similar Description - CS8481

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
L4949 ONSEMI-L4949_06 Datasheet
116Kb / 10P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com