Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51220 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor CS51220 Datasheet HTML 10Page - ON Semiconductor CS51220 Datasheet HTML 11Page - ON Semiconductor CS51220 Datasheet HTML 12Page - ON Semiconductor CS51220 Datasheet HTML 13Page - ON Semiconductor CS51220 Datasheet HTML 14Page - ON Semiconductor CS51220 Datasheet HTML 15Page - ON Semiconductor CS51220 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS51220
http://onsemi.com
13
Program Oscillator Frequency
CS51220 requires an external capacitor to program the
oscillator
frequency.
The
internally
trimmed
charge/discharge current determines the maximum duty
cycle. The capacitor for a required switching frequency fS
can be calculated by:
CT + 13400
fS
* 95
where:
CT = Timing capacitance is in pF
fS = Switching frequency is in kHz
Figure 16 shows the relationship of CT and fS.
200
CT (pF)
Figure 16. Operating Frequency
600
550
500
450
400
350
300
250
200
150
100
100
300
400
500
600
Synchronized Dual Converters with Soft Hiccup and
Feed Forward
The circuits shown in Figures 17 and 18 illustrate typical
applications for a dual output supply using independent but
synchronized converters. These circuits demonstrate the use
of the soft hiccup, feed forward, volt−second control and
synchronization features of the CS51220.
In Figure 17, the feed forward circuit has a volt−second
constant of 82 V/μs. This would limit the duty factor to 0.51
at 48 V input. With a turns ratio of 4:1 on the power
transformer and 48 V input, a duty factor of 0.46 is required
for 5.0 V output. This converter serves as the master
synchronization generator. The voltage on the VSD pin
establishes the delay as it is compared to the ramp generated
on the CT pin.
Adjustable synchronization allows the conduction time
for the two converters to be adjusted so that they are not on
at the same time. This greatly reduces the ripple current from
the 48 V source.
In Figure 18, the feed forward circuit has a volt−second
constant of 63 V/μs. This would limit the duty factor to 0.39
at 48 V input. With a turns ratio of 4:1 on the power
transformer and 48 V input, a duty factor of 0.33 is required
for 3.3V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com