Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51220 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 3 Page - ON Semiconductor

  CS51220 Datasheet HTML 1Page - ON Semiconductor CS51220 Datasheet HTML 2Page - ON Semiconductor CS51220 Datasheet HTML 3Page - ON Semiconductor CS51220 Datasheet HTML 4Page - ON Semiconductor CS51220 Datasheet HTML 5Page - ON Semiconductor CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS51220
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Thermal Resistance, Junction−to−Case, RΘJC
28
°C/W
Thermal Resistance, Junction−to−Ambient, RΘJA
115
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Gate Logic Output
VO
20 V
−0.3 V
100 mA
100 mA
Current Sense Input
ISENSE
6.0 V
−0.3 V
10 mA
10 mA
Timing Capacitor
CT
6.0 V
−0.3 V
10 mA
10 mA
Feed Forward
FF
6.0 V
−0.3 V
10 mA
100 mA
Error Amp Output
COMP
6.0 V
−0.3 V
10 mA
10 mA
Feedback Voltage
VFB
6.0 V
−0.3 V
10 mA
10 mA
Sync Input
SYNCI
20 V
−0.3 V
10 mA
10 mA
Power Down Input
DISABLE
20 V
−0.3 V
10 mA
10 mA
Undervoltage
UV
6.0 V
−0.3 V
10 mA
10 mA
Overvoltage
OV
6.0 V
−0.3 V
10 mA
10 mA
Current Set
ISET
6.0 V
−0.3 V
10 mA
10 mA
Soft Start
SS
6.0 V
−0.3 V
10 mA
10 mA
Power Supply
VCC
20 V
−0.3 V
10 mA
50 mA
Sync Output
SYNCO
20 V
−0.3 V
100 mA
100 mA
Reference Voltage
VREF
6.0 V
−0.3 V
Internally Limited
10 mA
Sync Delay
VSD
6.0 V
−0.3 V
1.0 mA
1.0 mA
Ground
GND
N/A
N/A
50 mA
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com