Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51220 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 4 Page - ON Semiconductor

  CS51220 Datasheet HTML 1Page - ON Semiconductor CS51220 Datasheet HTML 2Page - ON Semiconductor CS51220 Datasheet HTML 3Page - ON Semiconductor CS51220 Datasheet HTML 4Page - ON Semiconductor CS51220 Datasheet HTML 5Page - ON Semiconductor CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS51220
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C < TA < 85°C; −40°C < TJ < 125°C; 4.7 V < VCC < 16 V; CT = 390 pF; unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Voltage/Current
Start Threshold
−
4.0
4.4
4.7
V
Stop Threshold
−
3.3
3.8
4.1
V
Hysteresis
Start − Stop
400
600
1000
mV
ICC @ Startup
VCC < UVL Start Threshold
−
−
500
μA
ICC Operating, Low VCC
4.7 V < VCC < 10 V
−
−
7.5
mA
ICC Operating, High VCC
10 V < VCC < 16 V
−
−
9.0
mA
Reference Voltage
Total Accuracy
0 mA < IREF < 2.0 mA
3.2
3.3
3.4
V
Line Regulation
IREF = 2.0 mA
−
6.0
20
mV
Load Regulation
0 mA < IREF < 2.0 mA, VCC = 8.0 V
−
6.0
15
mV
Operating Life Shift
T = 1000 Hrs., Note 2
−
4.0
20
mV
Fault Voltage
−
2.8
2.95
3.1
V
VREF OK Voltage
−
2.9
3.05
3.2
V
VREF OK Hysteresis
−
50
100
150
mV
Current Limit
VREF = 2.5 V
2.0
25
65
mA
Oscillator
Frequency Accuracy
−
223
266
309
kHz
Temperature Stability
Note 2
−
8.0
−
%
Max Frequency
Note 2
500
−
−
kHz
Duty Cycle
−
80
85
90
%
Peak Voltage
Note 2
1.9
2.0
2.1
V
Valley Voltage
Note 2
0.85
0.90
0.98
V
Discharge Current
VCT = 1.5 V
0.70
0.85
1.05
mA
Charge Current
VCT = 1.5 V
127
150
183
μA
Synchronization
SYNCI Input Threshold
fSYNC = 500 kHz
1.0
2.0
3.0
V
SYNCI Input Resistance
VSYNC = 0.5
50
150
250
kΩ
Minimum Sync Frequency
Reduction of nominal frequency.
25
−
−
%
Minimum Input Sync Pulse Width
−
−
−
200
ns
SYNCO Output High
RSYNCO = 5.0 k, VCC = 8.0 V
5.0
6.5
7.5
V
SYNCO Output Low
Sink 1.0 mA, VSD = 2.5 V
−
0.2
0.4
V
SYNCO Delay Time
VCT = 1.5 V, Toggle VSD
100
200
300
ns
2. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com