Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC8S Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC8S
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC8S Datasheet(HTML) 5 Page - ON Semiconductor

  MAC8S Datasheet HTML 1Page - ON Semiconductor MAC8S Datasheet HTML 2Page - ON Semiconductor MAC8S Datasheet HTML 3Page - ON Semiconductor MAC8S Datasheet HTML 4Page - ON Semiconductor MAC8S Datasheet HTML 5Page - ON Semiconductor MAC8S Datasheet HTML 6Page - ON Semiconductor MAC8S Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAC8SD, MAC8SM, MAC8SN
http://onsemi.com
5
Figure 7. Typical Gate Trigger Current Versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Typical Gate Trigger Voltage Versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
110
95
80
65
50
35
20
5
−10
−25
−40
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Q2
Q1
Q3
Q3
Q1
110
95
80
65
50
35
20
5
−10
−25
−40
0
2
4
6
8
10
12
14
Q2
Q3
Q1
Figure 9. Typical Exponential Static dv/dt Versus
Gate−MT1 Resistance, MT2(+)
RGK, GATE−MT1 RESISTANCE (OHMS)
Figure 10. Typical Exponential Static dv/dt Versus
Peak Voltage, MT2(+)
VPK, Peak Voltage (Volts)
Figure 11. Typical Exponential Static dv/dt Versus
Junction Temperature, MT2(+)
TJ, Junction Temperature (°C)
Figure 12. Typical Exponential Static dv/dt Versus
Peak Voltage, MT2(−)
VPK, Peak Voltage (Volts)
VPK = 400 V
600 V
800 V
TJ = 110°C
200
180
160
140
120
100
80
1000
900
800
700
600
500
400
300
200
100
60
RG − MT1 = 510 W
TJ = 100°C
110
°C
120
°C
130
120
110
100
90
80
400
450
500
550
650
700
750
600
800
100
RG − MT1 = 510 W
VPK = 400 V
600 V
800 V
130
120
110
100
90
80
70
105
110
400
450
500
550
600
650
700
750
800
RG − MT1 = 510 W
TJ = 100°C
110
°C
100
150
200
250
300
350



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com