Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC8S Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC8S
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC8S Datasheet(HTML) 1 Page - ON Semiconductor

  MAC8S Datasheet HTML 1Page - ON Semiconductor MAC8S Datasheet HTML 2Page - ON Semiconductor MAC8S Datasheet HTML 3Page - ON Semiconductor MAC8S Datasheet HTML 4Page - ON Semiconductor MAC8S Datasheet HTML 5Page - ON Semiconductor MAC8S Datasheet HTML 6Page - ON Semiconductor MAC8S Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 5
1
Publication Order Number:
MAC8S/D
MAC8SD, MAC8SM, MAC8SN
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for industrial and consumer applications for full wave
control of ac loads such as appliance controls, heater controls, motor
controls, and other power switching applications.
Features
• Sensitive Gate Allows Triggering by Microcontrollers and other
Logic Circuits
• Uniform Gate Trigger Currents in Three Quadrants; Q1, Q2, and Q3
• High Immunity to dv/dt − 25 V/ms Minimum at 110°C
• High Commutating di/dt − 8.0 A/ms Minimum at 110°C
• Maximum Values of IGT, VGT and IH Specified for Ease of Design
• On-State Current Rating of 8 Amperes RMS at 70°C
• High Surge Current Capability − 70 Amperes
• Blocking Voltage to 800 Volts
• Rugged, Economical TO−220AB Package
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 110°C,
Sine Wave, 50 to 60 Hz, Gate Open)
MAC8SD
MAC8SM
MAC8SN
VDRM,
VRRM
400
600
800
V
On-State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 70°C)
IT(RMS)
8.0
A
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TJ = 110°C)
ITSM
70
A
Circuit Fusing Consideration
(t = 8.3 ms)
I2t
20
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 ms, TC = 70°C)
PGM
16
W
Average Gate Power
(t = 8.3 ms, TC = 70°C)
PG(AV)
0.35
W
Operating Junction Temperature Range
TJ
−40 to +110
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
8 AMPERES RMS
400 thru 800 VOLTS
TO−220AB
CASE 221A−09
STYLE 4
1
http://onsemi.com
MAC8SxG
AYWW
MARKING
DIAGRAM
x
= D, M, or N
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC8SD
TO−220AB
50 Units / Rail
MAC8SN
TO−220AB
50 Units / Rail
MAC8SDG
TO−220AB
(Pb−Free)
50 Units / Rail
MAC8SNG
TO−220AB
(Pb−Free)
50 Units / Rail
MAC8SM
TO−220AB
50 Units / Rail
MAC8SMG
TO−220AB
(Pb−Free)
50 Units / Rail
MT1
G
MT2
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2


Similar Part No. - MAC8S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC8SM MOTOROLA-MAC8SM Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC8SN MOTOROLA-MAC8SN Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
More results

Similar Description - MAC8S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC97 ONSEMI-MAC97 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com