Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC8S Datasheet(PDF) 6 Page - ON Semiconductor

Part # MAC8S
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC8S Datasheet(HTML) 6 Page - ON Semiconductor

  MAC8S Datasheet HTML 1Page - ON Semiconductor MAC8S Datasheet HTML 2Page - ON Semiconductor MAC8S Datasheet HTML 3Page - ON Semiconductor MAC8S Datasheet HTML 4Page - ON Semiconductor MAC8S Datasheet HTML 5Page - ON Semiconductor MAC8S Datasheet HTML 6Page - ON Semiconductor MAC8S Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MAC8SD, MAC8SM, MAC8SN
http://onsemi.com
6
Figure 13. Typical Exponential Static dv/dt Versus
Junction Temperature, MT2(−)
TJ, Junction Temperature (°C)
RGK, GATE−MT1 RESISTANCE (OHMS)
Figure 14. Typical Exponential Static dv/dt Versus
Gate−MT1 Resistance, MT2(−)
300
250
200
150
100
100
300
500
700
900
1000
200
400
600
800
TJ = 110°C
VPK = 400 V
600 V
800 V
RG − MT1 = 510 W
VPK = 400 V
600 V
800 V
100
105
110
200
150
100
50
350
300
250
(di/dt)c, CRITICAL RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
tw
f =
1
2 tw
(di/dt)c =
6f ITM
1000
VDRM
Figure 15. Critical Rate of Rise of
Commutating Voltage
1
5
10
15
20
25
30
100
10
1
110
°C
90
°C
100
°C
VPK = 400 V
Figure 16. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
−
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
di/dt(c)
CS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com