Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806ACPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2806ACPZ
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806ACPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2806ACPZ Datasheet HTML 5Page - Analog Devices ADN2806ACPZ Datasheet HTML 6Page - Analog Devices ADN2806ACPZ Datasheet HTML 7Page - Analog Devices ADN2806ACPZ Datasheet HTML 8Page - Analog Devices ADN2806ACPZ Datasheet HTML 9Page - Analog Devices ADN2806ACPZ Datasheet HTML 10Page - Analog Devices ADN2806ACPZ Datasheet HTML 11Page - Analog Devices ADN2806ACPZ Datasheet HTML 12Page - Analog Devices ADN2806ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADN2806
Rev. 0 | Page 9 of 20
Table 6. Internal Register Map1
Reg
Name
R/W
Addr
D7
D6
D5
D4
D3
D2
D1
D0
FREQ0
R
0x0
MSB
LSB
FREQ1
R
0x1
MSB
LSB
FREQ2
R
0x2
0
MSB
LSB
MISC
R
0x4
x
x
x
Static
LOL
LOL
status
Data rate
measurement
complete
x
x
CTRLA
W
0x8
FREF range
Data rate/DIV_FREF ratio
Measure data rate
Lock to reference
CTRLB
W
0x9
Config
LOL
Reset
MISC[4]
System
reset
0
Reset
MISC[2]
0
0
0
CTRLC
W
0x11
0
0
0
0
0
x
SQUELCH mode
Output boost
1 All writeable registers default to 0x00.
Table 7. Miscellaneous Register, MISC
Static LOL
LOL Status
Data Rate Measurement Complete
D7
D6
D5
D4
D3
D2
D1
D0
x
x
x
0 = Waiting for next LOL
0 = Locked
0 = Measuring data rate
x
x
1 = Static LOL until reset
1 = Acquiring
1 = Measurement complete
Table 8. Control Register, CTRLA1
FREF Range
Data Rate/Div_FREF Ratio
Measure Data Rate
Lock to Reference
D7
D6
D5
D4
D3
D2
D1
D0
0
0
19.44 MHz
0
1
0
1
32
Set to 1 to measure data rate
0 = Lock to input data
0
1
38.88 MHz
0
1
0
1
32
1 = Lock to reference clock
1
0
77.76 MHz
0
1
0
1
32
1
1
155.52 MHz
0
1
0
1
32
1 Where DIV_F
REF
is the divided down reference referred to the 10 MHz to 20 MHz band (see the Reference Clock (Optional) section).
Table 9. Control Register, CTRLB
Config LOL
Reset MISC[4]
System Reset
Reset MISC[2]
D7
D6
D5
D4
D3
D2
D1
D0
0 = LOL pin normal operation
1 = LOL pin is static LOL
Write a 1 followed
by 0 to reset MISC[4]
Write a 1 followed by
0 to reset ADN2806
Set to 0
Write a 1 followed
by 0 to reset MISC[2]
Set to 0
Set to 0
Set to 0
Table 10. Control Register, CTRLC
SQUELCH Mode
Output Boost
D7
D6
D5
D4
D3
D2
D1
D0
Set to 0
0 = Squelch data outputs and
clock outputs
0 = Default output swing
Set to 0
Set to 0
Set to 0
Set to 0
Set to 0
1 = Squelch data outputs or
clock outputs
1 = Boost output swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com