Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806ACPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2806ACPZ
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806ACPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2806ACPZ Datasheet HTML 8Page - Analog Devices ADN2806ACPZ Datasheet HTML 9Page - Analog Devices ADN2806ACPZ Datasheet HTML 10Page - Analog Devices ADN2806ACPZ Datasheet HTML 11Page - Analog Devices ADN2806ACPZ Datasheet HTML 12Page - Analog Devices ADN2806ACPZ Datasheet HTML 13Page - Analog Devices ADN2806ACPZ Datasheet HTML 14Page - Analog Devices ADN2806ACPZ Datasheet HTML 15Page - Analog Devices ADN2806ACPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADN2806
Rev. 0 | Page 12 of 20
At medium jitter frequencies, the gain and tuning range of the
VCO are not large enough to track input jitter. In this case, the
VCO control voltage becomes large and saturates, and the VCO
frequency dwells at one extreme of its tuning range. The size of
the VCO tuning range, therefore, has only a small effect on the
jitter accommodation. The delay-locked loop control voltage is
now larger; therefore, the phase shifter takes on the burden of
tracking the input jitter. The phase shifter range, in UI, can be
seen as a broad plateau on the jitter tolerance curve. The phase
shifter has a minimum range of 2 UI at all data rates.
The gain of the loop integrator is small for high jitter
frequencies; therefore, larger phase differences are needed to
increase the loop control voltage enough to tune the range of
the phase shifter. However, large phase errors at high jitter
frequencies cannot be tolerated. In this region, the gain of the
integrator determines the jitter accommodation. Because the
gain of the loop integrator declines linearly with frequency,
jitter accommodation is lower with higher jitter frequency. At
the highest frequencies, the loop gain is very small, and little
tuning of the phase shifter can be expected. In this case, jitter
accommodation is determined by the eye opening of the input
data, the static phase error, and the residual loop jitter
generation. The jitter accommodation is roughly 0.5 UI in this
region. The corner frequency between the declining slope and
the flat region is the closed-loop bandwidth of the delay-locked
loop, which is roughly 1.0 MHz at 622 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com