Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806ACPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2806ACPZ
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806ACPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2806ACPZ Datasheet HTML 10Page - Analog Devices ADN2806ACPZ Datasheet HTML 11Page - Analog Devices ADN2806ACPZ Datasheet HTML 12Page - Analog Devices ADN2806ACPZ Datasheet HTML 13Page - Analog Devices ADN2806ACPZ Datasheet HTML 14Page - Analog Devices ADN2806ACPZ Datasheet HTML 15Page - Analog Devices ADN2806ACPZ Datasheet HTML 16Page - Analog Devices ADN2806ACPZ Datasheet HTML 17Page - Analog Devices ADN2806ACPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADN2806
Rev. 0 | Page 14 of 20
Squelch data outputs or clock outputs mode is selected when
CTRLC[1] is 1. In this mode, when the SQUELCH input is
driven to a high state, the DATAOUTN and DATAOUTP pins
are squelched. When the SQUELCH input is driven to a low
state, the CLKOUTN and CLKOUTP pins are squelched. This is
especially useful in repeater applications, where the recovered
clock may not be needed.
I2C INTERFACE
The ADN2806 supports a 2-wire, I2C-compatible serial bus
driving multiple peripherals. Two inputs, serial data (SDA) and
serial clock (SCK), carry information to and from any device
connected to the bus. Each slave device is recognized by a
unique address. The ADN2806 has two possible 7-bit slave
addresses for both read and write operations. The MSB of the
7-bit slave address is factory programmed to 1. B5 of the slave
address is set by Pin 19, SADDR5. Slave Address Bits [4:0] are
defaulted to all 0s. The slave address consists of the seven MSBs
of an 8-bit word. The LSB of the word either sets a read or write
operation (see Figure 6). Logic 1 corresponds to a read operation,
while Logic 0 corresponds to a write operation.
To control the device on the bus, the following protocol must be
followed. First, the master initiates a data transfer by establish-
ing a start condition, defined by a high-to-low transition on
SDA while SCK remains high. This indicates that an address/
data stream follows. All peripherals respond to the start condition
and shift the next eight bits (the 7-bit address and the R/W bit).
The bits are transferred from MSB to LSB. The peripheral that
recognizes the transmitted address responds by pulling the data
line low during the ninth clock pulse. This is known as an
acknowledge bit. All other devices withdraw from the bus at
this point and maintain an idle condition. The idle condition is
where the device monitors the SDA and SCK lines, waiting for
the start condition and correct transmitted address. The R/W
bit determines the direction of the data. Logic 0 on the LSB of
the first byte means that the master writes information to the
peripheral. Logic 1 on the LSB of the first byte means that the
master reads information from the peripheral.
The ADN2806 acts as a standard slave device on the bus. The data
on the SDA pin is eight bits long, supporting the 7-bit addresses
plus the R/W bit. The ADN2806 has eight subaddresses to enable
the user-accessible internal registers (see Table 6 through Table
10). It, therefore, interprets the first byte as the device address
and the second byte as the starting subaddress. Auto-increment
mode is supported, allowing data to be read from or written to
the starting subaddress and each subsequent address without
manually addressing the subsequent subaddress. A data transfer
is always terminated by a stop condition. The user can also
access any unique subaddress register on a one-by-one basis
without updating all registers.
Stop and start conditions can be detected at any stage of the
data transfer. If these conditions are asserted out of sequence
with normal read and write operations, they cause an immediate
jump to the idle condition. During a given SCK high period, the
user should issue one start condition, one stop condition, or a
single stop condition followed by a single start condition. If an
invalid subaddress is issued by the user, the ADN2806 does not
issue an acknowledge and returns to the idle condition. If the
user exceeds the highest subaddress while reading back in auto-
increment mode, then the highest subaddress register contents
continue to be output until the master device issues a no acknow-
ledge. This indicates the end of a read. In a no-acknowledge
condition, the SDATA line is not pulled low on the ninth pulse.
See Figure 7 and Figure 8 for sample write and read data transfers
and Figure 9 for a more detailed timing diagram.
Additional Features Available via the I2C Interface
System Reset
A frequency acquisition can be initiated by writing a 1 followed
by a 0 to the I2C Register Bit CTRLB[5]. This initiates a new
frequency acquisition while keeping the ADN2806 in its
previously programmed operating mode, as set in Registers
CTRL[A], CTRL[B], and CTRL[C].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com