Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4245A Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245A
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245A Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC4245A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
74LVC4245A
Octal dual supply translating transceiver; 3-state
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
-0.5
+6.5
V
VCC(B) supply voltage B
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+6.5
V
IOK
output clamping current
VO > VCCO or VO < 0 V
[2]
-
±50
mA
output HIGH or LOW state
[1]
-0.5
VCC + 0.5 V
VO
output voltage
output 3-state
[1]
-0.5
+6.5
V
IO
output current
VO = 0 V to VCCO
[2]
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO is the supply voltage associated with the output.
[3] For SOT137-1 (SO24) package: Ptot derates linearly with 16.2 mW/K above 119 °C.
For SOT355-1 (TSSOP24) package: Ptot derates linearly with 12.4 mW/K above 110 °C.
For SOT815-1 (DHVQFN24) package: Ptot derates linearly with 15.0 mW/K above 117 °C.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max Unit
VCC(A) supply voltage A
VCC(A) ≥ VCC(B);
see Fig. 5 for maximum speed performance
1.5
-
5.5
V
VCC(B) supply voltage B
VCC(A) ≥ VCC(B);
see Fig. 5 for low-voltage applications
1.5
-
3.6
V
VI
input voltage
for control inputs
0
-
5.5
V
output HIGH or LOW state
0
-
VCC V
VO
output voltage
output 3-state
0
-
5.5
V
Tamb
ambient temperature
-40
-
+125 °C
VCC(B) = 2.7 V to 3.0 V
-
-
20
ns/V
VCC(B) = 3.0 V to 3.6 V
-
-
10
ns/V
VCC(A) = 3.0 V to 4.5 V
-
-
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC(A) = 4.5 V to 5.5 V
-
-
10
ns/V
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 13 — 27 August 2021
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com