Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4245A Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245A
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245A Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC4245A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74LVC4245A
Octal dual supply translating transceiver; 3-state
Rev. 13 — 27 August 2021
Product data sheet
1. General description
The 74LVC4245A is an octal dual supply translating transceiver featuring 3-state bus compatible
outputs in both send and receive directions. It is designed to interface between a 3 V and 5 V
bus in a mixed 3 V and 5 V supply environment. The device features an output enable input (OE)
and a send/receive input (DIR) for direction control. A HIGH on OE causes the outputs to assume
a high-impedance OFF-state, effectively isolating the buses. In suspend mode, when either
supply is zero, there is no current path between supplies. VCCA ≥ VCCB, except in suspend mode.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• 5 V tolerant inputs/outputs, for interfacing with 5 V logic
• Wide supply voltage range:
• 3 V bus (VCC(B)): 1.5 V to 3.6 V
• 5 V bus (VCC(A)): 1.5 V to 5.5 V
• CMOS low-power consumption
• TTL interface capability at 3.3 V
• Overvoltage tolerant control inputs to 5.5 V
• High-impedance when VCC(A) = 0 V
• Complies with JEDEC standard no. JESD8B/JESD36
• Latch-up performance meets requirements of JESD78 Class 1
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC4245AD
-40 °C to +125 °C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74LVC4245APW -40 °C to +125 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74LVC4245ABQ
-40 °C to +125 °C
DHVQFN24 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 24 terminals;
body 3.5 × 5.5 × 0.85 mm
SOT815-1


Similar Part No. - 74LVC4245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
Octal dual supply translating transceiver; 3-state
1999 Jun 15
74LVC4245A NXP-74LVC4245A Datasheet
112Kb / 17P
Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245ABQ NXP-74LVC4245ABQ Datasheet
112Kb / 17P
Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
logo
Nexperia B.V. All right...
74LVC4245ABQ-Q100 NEXPERIA-74LVC4245ABQ-Q100 Datasheet
830Kb / 17P
Octal dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC4245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
Octal dual supply translating transceiver; 3-state
1999 Jun 15
74LVC4245A NXP-74LVC4245A Datasheet
112Kb / 17P
Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
Octal dual supply translating transceiver; 3-state
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com