Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4245A Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245A
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245A Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC4245A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC4245A Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Nexperia
74LVC4245A
Octal dual supply translating transceiver; 3-state
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
SOT815-1
- - -
- - -
- - -
03-04-29
SOT815-1
0
2.5
5 mm
scale
b
y
y1 C
C
A
C
C
B
v M
w M
e1
e2
terminal 1
index area
terminal 1
index area
X
UNIT
A(1)
max.
A1
b
c
e
Eh
L
e1
y
w
v
mm
1
0.05
0.00
0.30
0.18
0.5
4.5
e2
1.5
0.2
2.25
1.95
Dh
4.25
3.95
0.05
0.05
y1
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
D(1)
5.6
5.4
E(1)
3.6
3.4
D
E
B
A
e
DHVQFN24: plastic dual in-line compatible thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 3.5 x 5.5 x 0.85 mm
A A1
c
detail X
Eh
L
Dh
2
23
11
14
13
12
1
24
Fig. 11. Package outline SOT815-1 (DHVQFN24)
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 13 — 27 August 2021
12 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com