Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R208 Datasheet(PDF) 2 Page - Lin Eng. Inc.

Part # R208
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R208 Datasheet(HTML) 2 Page - Lin Eng. Inc.

  R208 Datasheet HTML 1Page - Lin Eng. Inc. R208 Datasheet HTML 2Page - Lin Eng. Inc. R208 Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The R208 directly competes with the IMS IB462. They are both 2 Amp peak drivers. Both feature full and half step, while the
R208 is also capable of 4x and 8x microstepping. Using a standard 1.8° Step motor, 24 VDC, 2 Amps/phase, half-stepping, and
20 revolutions per second, you can see that the R208 runs much cooler than the IB462. After running both for 120 minutes the
R208 is at 129° F (53.8° C), while the IB462 is at 138° F (58.8° C). If overall system temperature is important in your application,
the R208 has a clear advantage running 9° F (5° C) cooler.
DIMENSION
PIN OUT
PIN OUTS
PIN NUMBER
COLOR #62W AG) Lead:
FUNCTION
1
Red
+12 to 24 VDC
2
Black
Step Resolution



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com