Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R208 Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R208
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R208 Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R208 Datasheet HTML 1Page - Lin Eng. Inc. R208 Datasheet HTML 2Page - Lin Eng. Inc. R208 Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Brown
Step Resolution
4
Black/ White
Disable
5
Orange
Direction
6
Green
Power Ground
7
White
Logic Ground
8
Blue
Opto Supply
9
Yellow
Step
Connectors
A DB-9 male connector provides power and control connections. Mating connector provided.
ELECTRICAL SPECIFICATIONS
• INPUT VOLTA)E&+12 to 24 VDC #Including Unregulated Power Supplies:
• DRIVE CURRENT#PER PHASE:& 0.25 to 1.4 Amps RMS, 2 Amps Peak
• ISOLATED INPUTS& Step Clock, Direction, Enable Q Disable
• STEP FREYUENCX #MAz:& 500 kHº
• STEPS PER REVOLUTION #1.8 MOTOR:& 200, 400, 8000, 1W000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com