Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R208 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R208
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R208 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R208 Datasheet HTML 1Page - Lin Eng. Inc. R208 Datasheet HTML 2Page - Lin Eng. Inc. R208 Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R208
R208
STEPPER DRIVER
FEATURES AND BENEFITS
• Bipolar Step Motor Driver
• Operates from +12 to 24 VDC
• Phase current ranges from 0.35 to 2.0 Amps
Peak
• Selectable Step Resolution from Full, Half,
1/4, and 1/8 microsteps
• Optically isolated
• Step, Direction, and Disable/Enable Inputs
• Selectable Current Reduction of 33%
• Low Power Dissipation
• Ef-cient Current Control
• Thermal Shutdown, Underqvoltage Protecq
tion
• Powerqon Indicator
• Power Disable/Enable Control
• Sinusoidal current waveform Low Cost Driver
PERFORMANCE COMPARISON
Tor(ue Comparison
As a simple 2 Amp driver, the R208 outperforms all of its competitors in its class in maximizing the torque output of a step
motor. In the test below you can see that it even outperforms the IMS IM483, a driver that costs over twice as much. Using a
standard 1.8° step motor at 8x microstepping, you can see how the R208 outperforms the competition on the torque/speed
curve below. The R208 gets over 10% more torque out of the motor at the various speeds compared to the lowest performer.
Temperature Comparison


Similar Part No. - R208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R2080 MICROSEMI-R2080 Datasheet
112Kb / 3P
Silicon Power Rectifier
R2080 MICROSEMI-R2080 Datasheet
143Kb / 2P
Silicon Power Rectifier
logo
Hamamatsu Corporation
R2083 HAMAMATSU-R2083 Datasheet
20Kb / 2P
PHOTOMULTIPLIER TUBE
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
PHOTOMULTIPLIER TUBES
More results

Similar Description - R208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com