Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB6L14 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB6L14
Description  2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L14 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB6L14 Datasheet HTML 2Page - ON Semiconductor NB6L14 Datasheet HTML 3Page - ON Semiconductor NB6L14 Datasheet HTML 4Page - ON Semiconductor NB6L14 Datasheet HTML 5Page - ON Semiconductor NB6L14 Datasheet HTML 6Page - ON Semiconductor NB6L14 Datasheet HTML 7Page - ON Semiconductor NB6L14 Datasheet HTML 8Page - ON Semiconductor NB6L14 Datasheet HTML 9Page - ON Semiconductor NB6L14 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NB6L14
http://onsemi.com
7
LVPECL
Driver
VCC
GND
Zo = 50 W
VT = VCC − 2 V
Zo = 50 W
NB6L14
IN
50 W
50 W
IN
GND
Figure 10. LVPECL Interface
LVDS
Driver
VCC
GND
Zo = 50 W
VT = Open
Zo = 50 W
NB6L14
IN
50 W
50 W
IN
GND
Figure 11. LVDS Interface
VCC
VCC
CML
Driver
VCC
GND
Zo = 50 W
VT = VCC
Zo = 50 W
NB6L14
IN
50 W
50 W
IN
GND
VCC
Figure 12. Standard 50 W Load CML Interface
Differential
Driver
VCC
GND
Zo = 50 W
VT = VREF_AC*
Zo = 50 W
NB6L14
IN
50 W
50 W
IN
GND
VCC
Figure 13. Capacitor−Coupled
Differential Interface
(VT Connected to VREFAC)
*VREFAC bypassed to ground with a 0.01 mF capacitor
Single−Ended
Driver
VCC
GND
Zo = 50 W
VT = VREF_AC*
NB6L14
IN
50 W
50 W
IN
GND
VCC
Figure 14. Capacitor−Coupled
Single−Ended Interface
(VT Connected to VREFAC)
(Open)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com