Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB6L14 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB6L14
Description  2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L14 Datasheet(HTML) 4 Page - ON Semiconductor

  NB6L14 Datasheet HTML 1Page - ON Semiconductor NB6L14 Datasheet HTML 2Page - ON Semiconductor NB6L14 Datasheet HTML 3Page - ON Semiconductor NB6L14 Datasheet HTML 4Page - ON Semiconductor NB6L14 Datasheet HTML 5Page - ON Semiconductor NB6L14 Datasheet HTML 6Page - ON Semiconductor NB6L14 Datasheet HTML 7Page - ON Semiconductor NB6L14 Datasheet HTML 8Page - ON Semiconductor NB6L14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB6L14
http://onsemi.com
4
Table 5. DC CHARACTERISTICS, Multi−Level Inputs, LVPECL Outputs
VCC = 2.375 V to 3.63 V, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current (Inputs and Outputs Open)
35
47
65
mA
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VOH
Output HIGH Voltage (Notes 4 and 5) (Q, Q)
VCC = 3.3 V
VCC = 2.5 V
VCC − 1145
2155
1355
VCC − 1020
2280
1480
VCC − 895
2405
1605
mV
VOL
Output LOW Voltage (Notes 4 and 5) (Q, Q)
VCC = 3.3 V
VCC = 2.5 V
VCC − 1945
1355
555
VCC − 1875
1475
675
VCC − 1695
1605
805
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (See Figures 5 and 6)
Vth
Input Threshold Reference Voltage Range (Note 6)
1125
VCC − 75
mV
VIH
Single−Ended Input High Voltage
Vth + 75
VCC
mV
VIL
Single−Ended Input LOW Voltage
VEE
Vth − 75
mV
VISE
Single−Ended Input Voltage Amplitude (VIH − VIL)
150
2800
mV
VREFAC
VREFAC
Output Reference Voltage
VCC − 1.525
VCC − 1.425
VCC − 1.325
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (See Figures 7 and 8) (Note 7)
VIHD
Differential Input HIGH Voltage
1200
VCC
mV
VILD
Differential Input LOW Voltage
GND
VIHD − 100
mV
VCMR
Input Common Mode Range (Differential Configuration)
(Note 8)
1150
VCC – 50
mV
VID
Differential Input Voltage (IN−IN) (VIHD−VILD)
100
2800
mV
IIH
Input HIGH Current
IN/IN
(VT Open)
−10
50
mA
IIL
Input LOW Current
IN/IN
(VT Open)
−50
10
mA
LVTTL/LVCMOS INPUT DC ELECTRICAL CHARACTERISTICS
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIH
Input HIGH Current, VCC = VIN = 3.63 V
−10
50
mA
IIL
Input LOW Current, VCC = 3.63 V, VIN = 0 V
−150
0
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor (IN to VT)
40
50
60
W
RDIFF_IN
Differential Input Resistance (IN to IN)
80
100
120
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. LVPECL outputs loaded with 50 W to VCC − 2.0 V for proper operation.
5. Input and output parameters vary 1:1 with VCC.
6. Vth is applied to the complementary input when operating in single−ended mode.
7. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
8. VCMR min varies 1:1 with GND, VCMR max varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com