Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB6L14 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6L14
Description  2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L14 Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L14 Datasheet HTML 1Page - ON Semiconductor NB6L14 Datasheet HTML 2Page - ON Semiconductor NB6L14 Datasheet HTML 3Page - ON Semiconductor NB6L14 Datasheet HTML 4Page - ON Semiconductor NB6L14 Datasheet HTML 5Page - ON Semiconductor NB6L14 Datasheet HTML 6Page - ON Semiconductor NB6L14 Datasheet HTML 7Page - ON Semiconductor NB6L14 Datasheet HTML 8Page - ON Semiconductor NB6L14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 0
1
Publication Order Number:
NB6L14/D
NB6L14
2.5 V/3.3 V3.0 GHz
Differential 1:4 LVPECL
Fanout Buffer
Multi−Level Inputs with Internal Termination
Description
The NB6L14 is a 3.0 GHz differential 1:4 LVPECL fanout buffer.
The differential inputs incorporate internal 50
W termination resistors
that are accessed through the VT pin. This feature allows the NB6L14
to accept various logic standards, such as LVPECL, LVCMOS,
LVTTL, CML, or LVDS logic levels. The VREF_AC reference output
can be used to rebias capacitor−coupled differential or single−ended
input signals. The 1:4 fanout design was optimized for low output
skew applications.
The NB6L14 is a member of the ECLinPS MAX
™ family of high
performance clock and data products.
Features
• Maximum Input Clock Frequency > 2.5 GHz, Typical
• < 20 ps Within Device Output Skew
• 330 ps Typical Propagation Delay
• 145 ps Typical Rise and Fall Times
• Differential LVPECL Outputs, 720 mV Amplitude, Typical
• LVPECL Mode Operating Range: VCC = 2.375 V to 3.63 V with
GND = 0 V
• Internal 50 W Input Termination Resistors Provided
• VREF_AC Reference Output Voltage
• −40°C to +85°C Ambient Operating Temperature
• Available in 3 mm x 3 mm 16 Pin QFN
• These are Pb−Free Devices
MARKING
DIAGRAM*
http://onsemi.com
QFN−16
MN SUFFIX
CASE 485G
NB6L
14
ALYWG
G
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
16
1
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
Q
D
Figure 1. Simplified Logic Diagram


Similar Part No. - NB6L14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
113Kb / 10P
2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
NB6L14M ONSEMI-NB6L14M Datasheet
154Kb / 11P
2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14MMNG ONSEMI-NB6L14MMNG Datasheet
154Kb / 11P
2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14MMNR2G ONSEMI-NB6L14MMNR2G Datasheet
154Kb / 11P
2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14MNG ONSEMI-NB6L14MNG Datasheet
113Kb / 10P
2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results

Similar Description - NB6L14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB6L14M ONSEMI-NB6L14M Datasheet
154Kb / 11P
2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com