Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

324-STFS Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 324-STFS
Description  Plug-in terminal strip Screw connection & pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

324-STFS Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  324-STFS Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
324-STFS(-DS)
Plug-in terminal strip
Screw connection & pin
05.19
WECO | www.wecogroup.com
The plug-in terminal strip 324-STFS is available in 11,5 mm pitch with 2 to 12
poles.
It has one screw connection per pole and one vertical pin for the connection to the
socket of the female counterpart.
This plug-in terminal strip was designed with a solid pin in order to provide reliable
permanent contact to the socket of 324-STFB.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.
Part Numbers
No. of
poles
324-STFS
324-STFS-DS
Length
PU
2
72.823.004
12.823.017
21,00
1000
3
73.823.004
13.823.017
32,00
500
4
74.823.004
14.823.017
44,00
500
5
75.823.004
15.823.017
55,00
250
6
76.823.004
16.823.017
67,00
100
7
77.823.004
17.823.017
78,00
75
8
78.823.004
18.823.017
90,00
60
9
79.823.004
19.823.017
101,00
50
10
80.823.004
20.823.017
113,00
50
11
81.823.004
21.823.017
124,00
50
12
82.823.004
22.823.017
135,00
50
General Information
Pitch
11,5 mm
No. of poles
2 - 12
Usable with
324-STFB(-DS)
Areas of application
Applications that require to easily open and close
not energised circuits.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
1 - 10 mm² / 1 - 6 mm² / 16 - 10 AWG
with wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 12 AWG
Rated Cross Section
4 mm²
Wire Stripping Length
7 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
250 V (500 V) 320 V (630 V) 630V (1000V)
Rated Impulse Voltage
4 kV (6 kV)
4 kV (6 kV)
4 kV (6 kV)
Rated Insulation Voltage
250 V acc. to EN 60998-1
Rated Current
25 A
Torque
0,8 Nm
Other specifications
Rated values apply to use in combination with
324-STFB(-DS). Values in parentheses apply to
use without insulated substrates.
Material
Moulding
PA, natural, V-2
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Screw
M3,5; zinc plated steel, blue passivated
Wire protector
Tin plated tin bronze
Plug
Nickel plated brass
Spring
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
25
150
B,D
18 - 10
20
10
300
300
B
D,E
26 - 10
26 - 10
0,79
0,79
Options / Accessories
• Marking options on and between the screw guides
• Jumper 324-J
• Leading plug for the protective conductor pole


Similar Part No. - 324-STFS

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
324-000X APEX-ELECTRONICS-324-000X Datasheet
175Kb / 3P
Slotted Bits
logo
Dialight Corporation
324-0071 DIALIGHT-324-0071 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
324-0072 DIALIGHT-324-0072 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
324-0073 DIALIGHT-324-0073 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
324-0075 DIALIGHT-324-0075 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 324-STFS

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
302-STS WECO-302-STS Datasheet
171Kb / 1P
Plug-in terminal strip Screw connection & pin
05.18
302-SV WECO-302-SV Datasheet
124Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
322-STFS WECO-322-STFS Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
820 WECO-820 Datasheet
163Kb / 1P
Screw/plug-in terminal strip Screw/screwless connection
01.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com