Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

329 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 329
Description  Socket terminal strip Screw connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

329 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  329 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
329
Socket terminal strip
Screw connection
02.20
C3.8
MATERIAL
Moulding
PA, black, UL 94, V-2
Comparative Tracking Index
CTI 1 (400-599)
Temperature Range
-30°C up to 120°C
Terminal body
Nickel plated brass
Screw
M8; Zinc plated steel, blue passivated
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Other colours available upon request
CONFIGURATIONS
Version
Poles Item
Article number
Length (L)
PU
Standard
12 329/12
22.828.101
264,00 mm
10
GENERAL INFORMATION
Pitch
22 mm
No. of poles
1 - 12
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
10 - 35 mm² / 10 - 25 mm² / 8 - 2 AWG
Rated Cross Section
35 mm²
Wire Stripping Length
14 mm
Rated Voltage
750 V acc. to EN 60998-1
Rated Current
125 A
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
115
600
B,C
8 - 2
3,5


Similar Part No. - 329

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
329 MILL-MAX-329 Datasheet
211Kb / 1P
INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
logo
List of Unclassifed Man...
329 ETC2-329 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
logo
Dialight Corporation
329-0701-030 DIALIGHT-329-0701-030 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
329-0701-037 DIALIGHT-329-0701-037 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
329-0701-537 DIALIGHT-329-0701-537 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 329

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com