Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2879A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB2879A
Description  Low Power, Reduced EMI Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2879A Datasheet(HTML) 5 Page - ON Semiconductor

  NB2879A Datasheet HTML 1Page - ON Semiconductor NB2879A Datasheet HTML 2Page - ON Semiconductor NB2879A Datasheet HTML 3Page - ON Semiconductor NB2879A Datasheet HTML 4Page - ON Semiconductor NB2879A Datasheet HTML 5Page - ON Semiconductor NB2879A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NB2879A
http://onsemi.com
5
ORDERING INFORMATION
Device
Marking
Temperature Range
Package
Shipping†
Availability
NB2879ASNR2
E0B
0°C − 70°C
TSOP−6
(TSOT−23−6)
2500 Tape & Reel
Now
NB2879ASNR2G
E0B
0°C − 70°C
TSOP−6
(TSOT−23−6)
(Pb−Free)
2500 Tape & Reel
Contact
Sales
Representative
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com