Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2879A Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB2879A
Description  Low Power, Reduced EMI Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2879A Datasheet(HTML) 3 Page - ON Semiconductor

  NB2879A Datasheet HTML 1Page - ON Semiconductor NB2879A Datasheet HTML 2Page - ON Semiconductor NB2879A Datasheet HTML 3Page - ON Semiconductor NB2879A Datasheet HTML 4Page - ON Semiconductor NB2879A Datasheet HTML 5Page - ON Semiconductor NB2879A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NB2879A
http://onsemi.com
3
Figure 3. Modulation Profile
Table 3. MAXIMUM RATINGS
Symbol
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
0.5 to + 7.0
V
TSTG
Storage Temperature
−65 to +125
°C
TA
Operating Temperature
0 to 70
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. DC ELECTRICAL CHARACTERISTICS (Test Conditions: All parameters are measured at room temperature 25°C)
Symbol
Description
Min
Typ
Max
Unit
VIL
Input LOW Voltage
GND − 0.3
0.8
V
VIH
Input HIGH Voltage
2.0
VDD + 0.3
V
IIL
Input LOW Current
−35
mA
IIH
Input HIGH Current
35
mA
IXOL
XOUT Output LOW Current (@ 4.0 V, VDD = 3.3 V)
3
mA
IXOH
XOUT Output HIGH Current (@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output LOW Voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output HIGH Voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
IDD
Static Supply Current
10
mA
ICC
Dynamic Supply Current (3.3 V, 30 MHz, and 15 pF loading)
4
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Powerup Time (first locked cycle after powerup)
0.18
mS
ZOUT
Clock Output Impedance
50
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com