Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2879A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB2879A
Description  Low Power, Reduced EMI Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2879A Datasheet(HTML) 4 Page - ON Semiconductor

  NB2879A Datasheet HTML 1Page - ON Semiconductor NB2879A Datasheet HTML 2Page - ON Semiconductor NB2879A Datasheet HTML 3Page - ON Semiconductor NB2879A Datasheet HTML 4Page - ON Semiconductor NB2879A Datasheet HTML 5Page - ON Semiconductor NB2879A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NB2879A
http://onsemi.com
4
Table 5. AC ELECTRICAL CHARACTERISTICS
Symbol
Description
Min
Typ
Max
Unit
CLKIN
Input Frequency
15
30
MHz
ModOUT
Output Frequency
15
30
MHz
REFOUT
Output Frequency
15
30
MHz
tLH (Note 1)
Output Rise Time (measured at 0.8 V to 2.0 V)
0.7
0.9
1.1
ns
tHL (Note 1)
Output Fall Time (measured at 2.0 V to 0.8 V)
0.6
0.8
1.0
ns
tJC
Jitter (Cycle−to−Cycle)
360
ps
tD
Output Duty Cycle
45
50
55
%
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. tLH and tHL are measured at capacitive load of 15 pF.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com