Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1822ARQZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1822ARQZ-R7
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822ARQZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1822ARQZ-R7 Datasheet HTML 1Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 2Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 3Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP1822
Rev. B | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
TRKN Pull-Down Resistance
200
kΩ
LOGIC THRESHOLDS (SHDN, SYNC, FREQ, MAR, MSEL)
Input High Voltage
VVCC = 3.0 V to 5.5 V
2.0
V
Input Low Voltage
VVCC = 3.0 V to 5.5 V
0.8
V
SYNC, FREQ Input Leakage Current
SYNC = FREQ = GND
0.1
1
μA
SHDN, MAR, MSEL Pull-Down Resistance
100
kΩ
THERMAL SHUTDOWN
Thermal Shutdown Threshold
145
°C
Thermal Shutdown Hysteresis
10
°C
PWGD OUTPUT
FB Overvoltage Threshold
VFB rising
750
mV
FB Overvoltage Hysteresis
35
mV
FB Undervoltage Threshold
VFB rising
550
mV
FB Undervoltage Hysteresis
35
mV
PWGD Off Current
VPWGD = 5 V
1
μA
PWGD Low Voltage
IPWGD = 10 mA
150
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com