Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1822ARQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1822ARQZ-R7
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822ARQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1822ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP1822
Rev. B | Page 8 of 24
Pin
No.
Mnemonic
Description
17
MDN
Margin Down Input. Connect a resistor from MDN to the output voltage to set the low margining voltage.
See the Setting the Voltage Margin section.
18
MUP
Margin Up Input. Connect a resistor from MUP to GND to set the high margining voltage.
See the Setting the Voltage Margin section.
19
VCC
Internal Power Supply Input. VCC powers the internal circuitry. Bypass VCC to GND with 0.1 μF or greater capacitor
connected as close as possible to the IC.
20
CSL
Low-Side Current Sense Input. Connect CSL to SW through a resistor to set the current limit.
See the Setting the Current Limit section.
21
PGND
Power Ground. Connect GND to PGND at a single point as close as possible to the IC.
22
DL
Low-Side Gate Driver Output. Connect DL to the gate of the low-side N-channel MOSFET synchronous rectifier.
The DL voltage swings between PGND and PVCC.
23
PVCC
Internal Gate Driver Power Supply Input. PVCC powers the low-side gate driver DL. Bypass PVCC to PGND with 1 μF or
greater capacitor connected as close as possible to the IC.
24
NC
No Connection. Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com