Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1822ARQZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1822ARQZ-R7
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822ARQZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1822ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1822ARQZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP1822
Rev. B | Page 20 of 24
APPLICATION CIRCUITS
1µF
10Ω
SHDN
VCC
FREQ
SYNC
PWGD
MAR
MSEL
COMP
SS
100nF
IRF3711
1µH
180µF
20V
4× 1000µF, 4V
DH
BST
SW
CSL
DL
PGND
TRKP
TRKN
FB
MDN
MUP
0.1µF
VCC
ADP1822
3.01kΩ
INPUT
5V
OUTPUT
1.8V, 15A
1µF
80.6kΩ
309pF
AGND DGND
TRACKING
SIGNAL INPUT
2.2pF
1nF
15pF
158kΩ
316kΩ
CMOSH-3
20kΩ
10kΩ
10Ω
Figure 20. Typical Application Circuit, 5 V Input
1µF
10Ω
SHDN
VCC
FREQ
SYNC
PWGD
MAR
MSEL
COMP
SS
100nF
Q1
IRF3711
1µH
180µF
20V
4× 1000µF, 4V
DH
BST
SW
CSL
DL
PGND
TRKP
TRKN
FB
MDN
MUP
0.1µF
VCC
ADP1822
3.01kΩ
INPUT
12V
OUTPUT
1.8V, 15A
1µF
80.6kΩ
309pF
AGND DGND
TRACKING
SIGNAL INPUT
2.2pF
1nF
15pF
158kΩ
316kΩ
CMOSH-3
20kΩ
10kΩ
CMOZ5V6
1.2kΩ
CMST2222A
IRF3711
Figure 21. Typical Application Circuit, 12 V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com