Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSD22 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSD22
Description  MOSFET N-channel depletion switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSD22 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSD22 Datasheet HTML 1Page - NXP Semiconductors BSD22 Datasheet HTML 2Page - NXP Semiconductors BSD22 Datasheet HTML 3Page - NXP Semiconductors BSD22 Datasheet HTML 4Page - NXP Semiconductors BSD22 Datasheet HTML 5Page - NXP Semiconductors BSD22 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
December 1997
2
Philips Semiconductors
Product specification
MOSFET N-channel depletion switching transistor
BSD22
DESCRIPTION
Symmetrical insulated-gate silicon
MOS field-effect transistor of the
n-channel depletion mode type.The
transistor is sealed in a SOT143
envelope and features a low
ON-resistance and low
capacitances.The transistor is
protected against excessive input
voltages by integrated back-to-back
diodes between gate and substrate.
Applications:
• analog and/or digital switch
• switch driver
• convertor
• chopper
PINNING
Note
1. Drain and source are
interchangeable
1
= substrate (b)
2
= source
3
= drain
4
= gate
Marking code: M32
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM389
Top view
g
d
b
s
2
1
3
4
QUICK REFERENCE DATA
Drain-source voltage
VDS
max.
20
V
Gate-source voltage
VGS
max.
+ 15
V
− 40
V
Drain current (DC)
ID
max.
50
mA
Total power dissipation up to Tamb =25 °CPtot
max.
230
mW
Junction temperature
Tj
max.
125
°C
Drain-source ON-resistance
VGS = 10 V; VSB = 0; ID = 1 mA
RDSon
max.
30
Ω
Feed-back capacitance
VGS =VBS = −5 V; VDS = 10 V; f = 1 MHz
Crss
typ.
0.6
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com