Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSD22 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSD22
Description  MOSFET N-channel depletion switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSD22 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSD22 Datasheet HTML 1Page - NXP Semiconductors BSD22 Datasheet HTML 2Page - NXP Semiconductors BSD22 Datasheet HTML 3Page - NXP Semiconductors BSD22 Datasheet HTML 4Page - NXP Semiconductors BSD22 Datasheet HTML 5Page - NXP Semiconductors BSD22 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
December 1997
4
Philips Semiconductors
Product specification
MOSFET N-channel depletion switching transistor
BSD22
Drain-source ON-resistance
ID = 1 mA; VSB =0;
typ.
max.
25
50
Ω
Ω
VGS =5 V
RDSon
typ.
max.
15
30
Ω
Ω
VGS = 10 V
RDSon
Capacitances at f = 1 MHz
VGS =VBS = −5 V; VDS = 10 V
Feed-back capacitance
Crss
typ.
0.6
pF
Input capacitance
Ciss
typ.
1.5
pF
Output capacitance
Coss
typ.
1.0
pF
Switching times (see Fig.3)
VDD = 10 V; Vi = −5 V to + 5 V
ton
typ.
1.0
ns
toff
typ.
5.0
ns
Fig.2 Capacitances model.
Ciss
=Cgs + Cgd + Cgb
Coss =Cgd + Cbd
Crss =Cgd
handbook, halfpage
MBK301
Cgb
Cgd
Cbs
Cbd
d
b
s
Cgs
g
handbook, full pagewidth
MBK296
INPUT
OUTPUT
tr
90%
10%
10%
90%
90%
10%
90%
10%
tf
toff
ton
Fig.3
Switching times and input and output waveforms; Ri =50 Ω; tr < 0.5 ns; tf < 1.0 ns; tp = 20 ns; δ < 0.01.
age
MBK300
630
Ω
50
Ω
0.1
µF
T.U.T
50
Ω
Vi
VDD
Vo



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com