Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSD22 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSD22
Description  MOSFET N-channel depletion switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSD22 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSD22 Datasheet HTML 1Page - NXP Semiconductors BSD22 Datasheet HTML 2Page - NXP Semiconductors BSD22 Datasheet HTML 3Page - NXP Semiconductors BSD22 Datasheet HTML 4Page - NXP Semiconductors BSD22 Datasheet HTML 5Page - NXP Semiconductors BSD22 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
December 1997
3
Philips Semiconductors
Product specification
MOSFET N-channel depletion switching transistor
BSD22
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Device mounted on a ceramic subtrate of 8 mm
× 10 mm × 0.7 mm.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified
Drain-source voltage
VDS
max.
20
V
Source-drain voltage
VSD
max.
20
V
Drain-substrate voltage
VDB
max.
25
V
Source-substrate voltage
VSB
max.
25
V
Gate-substrate voltage
VGB
max.
± 15
V
Gate-source voltage
VGS
max.
+ 15
V
− 40
V
Drain current (DC)
ID
max.
50
mA
Total power dissipation up to Tamb =25 °C(1)
Ptot
max.
230
mW
Storage temperature range
Tstg
−65 to + 150
°C
Junction temperature
Tj
max.
125
°C
From junction to ambient in free air(1)
Rth j-a
=
430
K/W
Drain-source breakdown voltage
VGS =VBS = −5 V; IS = 10 nA
V(BR)DSX
min.
20
V
Source-drain breakdown voltage
VGD =VBD = −5 V; ID = 10 nA
V(BR)SDX
min.
20
V
Drain-substrate breakdown voltage
VGB = 0; ID = 10 nA; open source
V(BR)DBO
min.
25
V
Source-substrate breakdown voltage
VGB = 0; IS = 10 nA; open drain
V(BR)SBO
min.
25
V
Drain-source leakage current
VGS =VBS = −5 V; VDS = 10 V
IDSoff
typ.
1.0
nA
Source-drain leakage current
VGD =VBD = 5 V; VSD = 10 V
ISDoff
typ.
1.0
nA
Gate-substrate leakage current
VDB =VSB = 0; VGB = ± 15 V
IGBS
max.
10
nA
Forward transconductance at f = 1 kHz
VDS = 10 V; VSB = 0; ID = 20 mA
gfs
min.
10
mS
typ.
15
mS
Gate-source cut-off voltage
VDS = 10 V; VSB =0;
ID =10 µA
−V(P)GS
max.
2.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com