Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501-AS Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5501-AS
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-AS Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5501-AS Datasheet HTML 8Page - Cirrus Logic CS5501-AS Datasheet HTML 9Page - Cirrus Logic CS5501-AS Datasheet HTML 10Page - Cirrus Logic CS5501-AS Datasheet HTML 11Page - Cirrus Logic CS5501-AS Datasheet HTML 12Page - Cirrus Logic CS5501-AS Datasheet HTML 13Page - Cirrus Logic CS5501-AS Datasheet HTML 14Page - Cirrus Logic CS5501-AS Datasheet HTML 15Page - Cirrus Logic CS5501-AS Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
A/D Conversion Technique Overview" in the ap-
plication note section of the data book. The
application note discusses the delta-sigma modu-
lator and some aspects of digital filtering.
OVERVIEW
As shown in the block diagram on the front page
of the data sheet, the CS5501/CS5503 can be seg-
mented into five circuit functions. The heart of the
chip is the charge balance A/D converter (16-bit
for the CS5501, 20-bit for the CS5503). The con-
verter and all of the other circuit functions on the
chip must be driven by a clock signal from the
clock generator. The serial interface logic outputs
the converted data. The calibration microcontrol-
ler along with the calibration SRAM (static
RAM), supervises the device calibration. Each
segment of the chip has control lines associated
with it. The function of each of the pins is de-
scribed in the pin description section of the data
sheet.
Clock Generator
The CS5501/CS5503 both include gates which
can be connected as a crystal oscillator to provide
the master clock signal for the chip. Alternatively,
an external (CMOS compatible) clock can be in-
put to the CLKIN pin as the master clock for the
device. Figure 3 illustrates a simple model of the
on-chip gate oscillator. The gate has a typical
transconductance of 1500
µmho. The gate model
includes 10 pf capacitors at the input and output
pins. These capacitances include the typical stray
capacitance of the pins of the device. The on-chip
0
20
40
60
80
100
-100
-80
-60
-40
-20
0
CLKIN = 2 MHz
CLKIN=1 MHz
0
-20
-40
-60
-80
-100
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
CLKIN = 4 MHz
Figure 2. Filter Responses
a. Averaging (Integrating) Filter Response (tavg = 100 ms)
b. 6-Pole Gaussian Filter Response
3
10pF
C1 *
Y1
C2 *
* See Table 1
1500 umho
g
m
2
10pF
CLKIN
CLKOUT
500 k
R
1
Figure 3. On-chip Gate Oscillator Model
CS5501/CS5503
12
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com