Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501-AS Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5501-AS
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-AS Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5501-AS Datasheet HTML 18Page - Cirrus Logic CS5501-AS Datasheet HTML 19Page - Cirrus Logic CS5501-AS Datasheet HTML 20Page - Cirrus Logic CS5501-AS Datasheet HTML 21Page - Cirrus Logic CS5501-AS Datasheet HTML 22Page - Cirrus Logic CS5501-AS Datasheet HTML 23Page - Cirrus Logic CS5501-AS Datasheet HTML 24Page - Cirrus Logic CS5501-AS Datasheet HTML 25Page - Cirrus Logic CS5501-AS Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
equation which defines settling time, an equation
for the maximum acceptable source resistance is
derived
Rsmax
=
−64
CLKIN
(20pF+CEXT ) ln 
Ve
Ve +
20pF
(100mv)
( 20pF+CEXT )
This equation assumes that the offset voltage of
the buffer is 100 mV, which is the worst case.
The value of Ve is the maximum error voltage
which is acceptable.
For a maximum error voltage (Ve) of 10
µV in
the CS5501 (1/4LSB at 16-bits) and 600 nV in
the CS5503 (1/4LSB at 20-bits), the above equa-
tion indicates that when operating from a
4.096 MHz CLKIN, source resistances up to
84 k
Ω in the CS5501 or 64 kΩ in the CS5503 are
acceptable in the absence of external capacitance
(CEXT = 0). If higher input source resistances
are desired the master clock rate can be reduced
to yield a longer settling time for the 64 cycle pe-
riod.
Analog Input Drift Considerations
The CS5501/CS5503 analog input uses chopper-
stabilization techniques to minimize input offset
drift. Charge injection in the analog switches and
leakage currents at the sampling node are the pri-
mary sources of offset voltage drift in the
converter. Figure 12 indicates the typical offset
drift due to temperature changes experienced after
calibration at 25
°C. Drift is relatively flat up to
about 75
°C. Above 75 °C leakage current be-
comes the dominant source of offset drift.
Leakage currents approximately double with each
10
°C of temperature increase. Therefore the off-
set drift due to leakage current increases as the
temperature increases. The value of the voltage on
the sample capacitor is updated at a rate deter-
mined by the master clock, therefore the amount
of offset drift which occurs will be proportional to
the elapsed time between samples. In conclusion,
the offset drift increases with temperature and is
inversely proportional to the CLKIN rate.
To
minimize offset drift with increased temperature,
higher CLKIN rates are desirable. At temperatures
above 100
°C, a CLKIN rate above 1 MHz is rec-
ommended. The effects of offset drift due to
temperature changes can be eliminated by recali-
brating the CS5501/CS5503 whenever the
temperature has changed.
Gain drift within the converter depends predomi-
nately upon the temperature tracking of internal
capacitors. Gain drift is not affected by leakage
currents, therefore gain drift is significantly less
than comparable offset errors due to temperature
increases. The typical gain drift over the specified
temperature range is less than 2.5 LSBs for the
CS5501 and less than 40 LSBs for the CS5503 .
Measurement errors due to offset drift or gain
drift can be eliminated at any time by recalibrat-
ing the converter.
Using the system calibration
mode can also minimize offset and gain errors in
the sig nal cond ition ing circu itry.
The
CS5501/CS5503 can be recalibrated at any tem-
perature to remove the effects of these errors.
Linearity and differential non linearity are not sig-
nificantly affected by temperature changes.
Temperature in Deg. C.
-20
-15
-10
-5
0
5
10
-55
-35
-15
5
25
45
65
85
105
125
-320
-240
-160
-80
0
80
160
Figure 12. Typical Self-Cal Bipolar Offset vs. Tem-
perature After Calibration at 25
°C
CS5501/CS5503
22
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com