Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501-AS Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5501-AS
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-AS Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5501-AS Datasheet HTML 16Page - Cirrus Logic CS5501-AS Datasheet HTML 17Page - Cirrus Logic CS5501-AS Datasheet HTML 18Page - Cirrus Logic CS5501-AS Datasheet HTML 19Page - Cirrus Logic CS5501-AS Datasheet HTML 20Page - Cirrus Logic CS5501-AS Datasheet HTML 21Page - Cirrus Logic CS5501-AS Datasheet HTML 22Page - Cirrus Logic CS5501-AS Datasheet HTML 23Page - Cirrus Logic CS5501-AS Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Tables 3 and 4 indicate the output code size and
output coding of the CS5501/CS5503 in its vari-
ous modes. The calibration equations which
represent the CS5501/CS5503 transfer function
are shown in Figure 10.
DOUT = Slope (AIN - Unipolar Offset) + 0.5 LSB
a. Unipolar Calibration
CS5501
DOUT = Slope (AIN - Bipolar Offset) + 2
15
+ 0.5 LSB16
CS5503
DOUT = Slope(AIN - Bipolar Offset) + 2
19
+ 0.5 LSB20
b. Bipolar Calibration
Figure 10. Calibration Equations
Underrange And Overrange Considerations
The input signal range of the CS5501/CS5503
will be determined by the mode in which the part
is calibrated.
Table 4 indicates the input signal
range in the various modes of operation. If the
input signal exceeds the full scale point the con-
verter will output all ones. If the signal is less
than the zero scale point (in unipolar) or more
negative in magnitude than minus the full scale
point (in bipolar) it will output all zeroes.
Note that the modulator-filter combination in the
chip CS5501/CS5503 is designed to accurately
convert and filter input signals with noise excur-
sions which extend up to 100 mV below the
analog value which produces all zeros out or
above the analog value which produces all ones
out. Overrange noise excursions greater than
100 mV may increase output noise.
All pins of the CS5501/CS5503 include diodes
which clamp the input signals to within the posi-
tive and negative supplies. If a signal on any pin
(including AIN) exceeds the supply voltage (either
Cal Mode
Zero Scale
Gain Factor
1LSB
Unipolar
Bipolar
CS5501
CS5503
CS5501
CS5503
Self-Cal
AGND
VREF
VREF
65,536
VREF
1,048,526
2VREF
65,536
2VREF
1,048,526
System Cal
SOFF
SGAIN
SGAIN
SOFF
65,536
SGAIN
SOFF
1,048,526
2
(SGAIN−SOFF)
65,536
2
(SGAIN−SOFF)
1,048,526
Table 3. Output Code Size After Calibration
Input Voltage, Unipolar Mode
Input Voltage, Bipolar Mode
System-Cal
Self-Cal
Output Codes (Hex)
Self-Cal
System Cal
CS5501
CS5503
>(SGAIN - 1.5 LSB)
>(VREF - 1.5 LSB)
FFFF
FFFFF
>(VREF - 1.5 LSB)
>(SGAIN - 1.5 LSB)
SGAIN - 1.5 LSB
VREF - 1.5 LSB
FFFF
FFFE
FFFFF
FFFFE
VREF - 1.5 LSB
SGAIN - 1.5 LSB
(SGAIN - SOFF)/2 - 0.5 LSB VREF/2 - 0.5 LSB
8000
7FFF
80000
7FFFF
AGND - 0.5 LSB
SOFF -0.5 LSB
SOFF + 0.5 LSB
AGND + 0.5 LSB
0001
0000
00001
00000
-VREF+ 0.5 LSB
-SGAIN + 2SOFF + 0.5 LSB
<(SOFF + 0.5 LSB)
<(AGND+0.5 LSB)
0000
00000
<(-VREF+0.5 LSB)
<(-SGAIN+2SOFF+0.5 LSB)
Table 4. Output Coding
CS5501/CS5503
20
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com