Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6321 Datasheet HTML 1Page - National Semiconductor (TI) LMH6321 Datasheet HTML 2Page - National Semiconductor (TI) LMH6321 Datasheet HTML 3Page - National Semiconductor (TI) LMH6321 Datasheet HTML 4Page - National Semiconductor (TI) LMH6321 Datasheet HTML 5Page - National Semiconductor (TI) LMH6321 Datasheet HTML 6Page - National Semiconductor (TI) LMH6321 Datasheet HTML 7Page - National Semiconductor (TI) LMH6321 Datasheet HTML 8Page - National Semiconductor (TI) LMH6321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
±15V Electrical Characteristics (Continued)
The following specifications apply for Supply Voltage = ±15V, V
CM =0,RL
≥ 100 kΩ and R
S =50
Ω,C
L open, unless otherwise
noted. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
SH
Supply Current at Thermal
Shutdown
EF pulled up with 5 k
Ω to +5V
3
mA
PSSR
Power Supply Rejection Ratio
R
L =1k
Ω,V
IN = 0V,
V
S = ±5V to ±15V
Positive
58
54
66
dB
Negative
58
54
64
SR
Slew Rate
V
IN = ±11V, RL =1k
Ω
2900
V/µs
V
IN = ±11V, RL =50
Ω
1800
BW
−3 dB Bandwidth
V
IN = ±20 mVPP,RL =50
Ω
110
MHz
LSBW
Large Signal Bandwidth
V
IN =2VPP,RL =50
Ω
48
MHz
HD2
2
nd Harmonic Distortion
V
O =2VPP, f = 100 kHz
R
L =50
Ω
−59
dBc
R
L = 100
Ω
−70
V
O =2VPP,f=1MHz
R
L =50
Ω
−57
R
L = 100
Ω
−68
HD3
3rd Harmonic Distortion
V
O =2VPP, f = 100 kHz
R
L =50
Ω
−59
dBc
R
L = 100
Ω
−70
V
O =2VPP,f=1MHz
R
L =50
Ω
−62
R
L = 100
Ω
−73
e
n
Input Voltage Noise
f
≥ 1 MHz
2.8
nV/
i
n
Input Current Noise
f
≥ 1 MHz
2.4
pA/
I
SC1
Output Short Circuit Current
Source (Note 7)
V
O = 0V,
Program Current
into C
L =25µA
Sourcing
V
IN = +3V
4.5
4.5
10
15.5
15.5
mA
Sinking
V
IN = −3V
4.5
4.5
10
15.5
15.5
V
O =0V
Program Current
into C
L = 750 µA
Sourcing
V
IN = +3V
280
273
295
308
325
mA
Sinking
V
IN = −3V
280
275
295
310
325
I
SC2
Output Short Circuit Current
Source
R
S = 0V, VIN = +3V
(Notes 5, 7)
320
300
570
750
920
mA
Output Short Circuit Current
Sink
R
S = 0V, VIN = −3V
(Notes 5, 7)
300
305
515
750
910
V/I Section
CLV
OS
Current Limit Input Offset
Voltage
R
L =1k
Ω,GND=0V
±0.5
±4.0
±8.0
mV
CLI
B
Current Limit Input Bias
Current
R
L =1k
Ω
−0.5
−0.8
−0.2
µA
CL
CMRR
Current Limit Common Mode
Rejection Ratio
R
L =1k
Ω, GND = −13 to +14V
60
56
69
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com