Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6321 Datasheet HTML 1Page - National Semiconductor (TI) LMH6321 Datasheet HTML 2Page - National Semiconductor (TI) LMH6321 Datasheet HTML 3Page - National Semiconductor (TI) LMH6321 Datasheet HTML 4Page - National Semiconductor (TI) LMH6321 Datasheet HTML 5Page - National Semiconductor (TI) LMH6321 Datasheet HTML 6Page - National Semiconductor (TI) LMH6321 Datasheet HTML 7Page - National Semiconductor (TI) LMH6321 Datasheet HTML 8Page - National Semiconductor (TI) LMH6321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
±5V Electrical Characteristics
The following specifications apply for Supply Voltage = ±5V, V
CM =0,RL
≥ 100 kΩ and R
S =50
Ω,C
L Open, unless otherwise
noted. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A
V
Voltage Gain
R
L =1k
Ω,V
IN = ±3V
0.99
0.98
0.994
V/V
R
L =50
Ω,V
IN = ±3V
0.86
0.84
0.92
V
OS
Offset Voltage
R
L =1k
Ω,R
S =0V
±2.5
±35
±50
mV
I
B
Input Bias Current
V
IN = 0V, RL =1k
Ω,R
S =0V
±2
±15
±17
µA
R
IN
Input Resistance
R
L =50
Ω
250
k
Ω
C
IN
Input Capacitance
3.5
pF
R
O
Output Resistance
I
OUT = ±10 mA
5
Ω
I
S
Power Supply Current
R
L = ∞,VIN = 0V
10
13.5
14.7
750 µA into CL Pin
14
17.5
19.5
V
O1
Positive Output Swing
I
O = 300 mA, RS = 0V, VIN = ±VS
1.3
0.9
1.9
V
Negative Output Swing
I
O = 300 mA, RS = 0V, VIN = ±VS
−1.3
−0.5
−0.1
V
O2
Positive Output Swing
R
L =1k
Ω,R
S = 0V, VIN = ±VS
3.2
2.9
3.5
V
Negative Output Swing
R
L =1k
Ω,R
S = 0V, VIN = ±VS
−3.5
−3.1
−2.9
V
V
O3
Positive Output Swing
R
L =50
Ω,R
S = 0V, VIN = ±VS
2.8
2.5
3.1
V
Negative Output Swing
R
L =50
Ω,R
S = 0V, VIN = ±VS
−3.0
−2.6
−2.4
V
PSSR
Power Supply Rejection Ratio
R
L =1k
Ω,V
IN =0,
V
S = ±5V to ±15V
Positive
58
54
66
dB
Negative
58
54
64
I
SC1
Output Short Circuit Current
V
O = 0V, Program
Current into C
L =25µA
Sourcing
V
IN = +3V
4.5
4.5
9
14.0
15.5
mA
Sinking
V
IN = −3V
4.5
4.5
9
14.0
15.5
V
O = 0V, Program
Current into C
L = 750
µA
Sourcing
V
IN = +3V
275
270
290
305
320
Sinking
V
IN = −3V
275
270
290
310
320
I
SC2
Output Short Circuit Current
Source
R
S = 0V, VIN = +3V
(Notes 5, 7)
300
470
mA
Output Short Circuit Current
Sink
R
S = 0V, VIN = −3V
(Notes 5, 7)
300
400
SR
Slew Rate
V
IN = ±2VPP,RL =1k
Ω
450
V/µs
V
IN = ±2VPP,RL =50
Ω
210
BW
−3 dB Bandwidth
V
IN = ±20 mVPP,RL =50
Ω
90
MHz
LSBW
Large Signal Bandwidth
V
IN =2VPP,RL =50
Ω
39
MHz
T
SD
Thermal Shutdown
Temperature
170
˚C
Hysteresis
10
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com