Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6321 Datasheet HTML 1Page - National Semiconductor (TI) LMH6321 Datasheet HTML 2Page - National Semiconductor (TI) LMH6321 Datasheet HTML 3Page - National Semiconductor (TI) LMH6321 Datasheet HTML 4Page - National Semiconductor (TI) LMH6321 Datasheet HTML 5Page - National Semiconductor (TI) LMH6321 Datasheet HTML 6Page - National Semiconductor (TI) LMH6321 Datasheet HTML 7Page - National Semiconductor (TI) LMH6321 Datasheet HTML 8Page - National Semiconductor (TI) LMH6321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
±5V Electrical Characteristics (Continued)
The following specifications apply for Supply Voltage = ±5V, V
CM =0,RL
≥ 100 kΩ and R
S =50
Ω,C
L Open, unless otherwise
noted. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V/I Section
CLV
OS
Current Limit Input Offset
Voltage
R
L =1k
Ω, GND = 0V
2.7
+5
±5.0
mV
CLI
B
Current Limit Input Bias
Current
R
L =1k
Ω,C
L = 0V
−0.5
−0.6
−0.2
µA
CL
CMRR
Current Limit Common Mode
Rejection Ratio
R
L =1k
Ω, GND = −3V to +4V
60
56
65
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Table.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 3: If the input-output voltage differential exceeds ±5V, internal clamping diodes will turn on. The current through these diodes should be limited to 5 mA max.
Thus for an input voltage of ±15V and the output shorted to ground, a minimum of 2 k
Ω should be placed in series with the input.
Note 4: The maximum continuous current must be limited to 300 mA. See the Application section for more details.
Note 5: For the condition where the CL pin is left open the output current should not be continuous, but instead, should be limited to low duty cycle pulse mode such
that the RMS output current is less than or equal to 300 mA.
Note 6: Soldered to PC board with copper foot print equal to DAP size. Natural convection (no air flow). Board material is FR-4.
Note 7: VIN = + or −4V at TJ = −40˚C.
Note 8: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =TJ(MAX)–TA)/θJA. See Thermal Management section of the Application Hints.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin PSOP
LMH6321MR
LMH6321MR
95 Units/Rail
MRA08A
LMH6321MRX
2.5k Units Tape and Reel
7-Pin TO-263
LMH6321TS
LMH6321TS
45 Units/Rail
TS7B
LMH6321TSX
500 Units Tape and Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com