Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5370 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5370
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5370 Datasheet HTML 9Page - Analog Devices AD5370 Datasheet HTML 10Page - Analog Devices AD5370 Datasheet HTML 11Page - Analog Devices AD5370 Datasheet HTML 12Page - Analog Devices AD5370 Datasheet HTML 13Page - Analog Devices AD5370 Datasheet HTML 14Page - Analog Devices AD5370 Datasheet HTML 15Page - Analog Devices AD5370 Datasheet HTML 16Page - Analog Devices AD5370 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 13 of 24
A/ B REGISTERS AND GAIN/OFFSET ADJUSTMENT
Each DAC channel has seven data registers. The actual DAC
data word can be written to either the X1A or X1B input
register, depending on the setting of the A/B bit in the Control
Register. If the A/B bit is 0, data will be written to the X1A
register. If the A/B bit is 1, data will be written to the X1B
register. Note that this single bit is a global control and affects
every DAC channel in the device. It is not possible to set up the
device on a per-channel basis so that some writes are to X1A
registers and some writes are to X1B registers.
DAC
DAC
REGISTER
MUX
X2B
REGISTER
X2A
REGISTER
MUX
M
REGISTER
C
REGISTER
X1B
REGISTER
X1A
REGISTER
2049-0007
Figure 8. Data Registers Associated With Each DAC Channel
Each DAC channel also has a gain (M) and offset (C) register,
which allow trimming out of the gain and offset errors of the
entire signal chain. Data from the X1A register is operated on by
a digital multiplier and adder controlled by the contents of the M
and C registers. The calibrated DAC data is then stored in the
X2A register. Similarly, data from the X1B register is operated on
by the multiplier and adder and stored in the X2B register.
Although a multiplier and adder symbol are shown for each
channel, there is only one multiplier and one adder in the
device, which are shared between all channels. This has
implications for the update speed when several channels are
updated at once, as described later.
Each time data is written to the X1A register, or to the M or C
register with the A/B control bit set to 0, the X2A data is
recalculated and the X2A register is automatically updated.
Similarly, X2B is updated each time data is written to X1B, or to
M or C with A/B set to 1. The X2A and X2B registers are not
readable, nor directly writable by the user.
Data output from the X2A and X2B registers is routed to the
final DAC register by a multiplexer. Whether each individual
DAC takes its data from the X2A or X2B register is controlled
by an 8-bit A/B Select Register associated with each group of 8
DACs. If a bit in this register is 0, the DAC takes its data from
the X2A register; if 1 the DAC takes its data from the X2B
register (bit 0 controls DAC 0, bit 1 controls DAC 1 etc.).
Note that, since there are 40 bits in 5 registers, it is possible to
set up, on a per-channel basis, whether each DAC takes its data
from the X2A or X2B register. A global command is also
provided that sets all bits in the A/B Select Registers to 0 or to 1.
LOAD DAC
All DACs in the AD5370 can be updated simultaneously by
taking LDAC low, when each DAC register will be updated
from either its X2A or X2B register, depending on the setting of
the A/B select registers. The DAC register is not readable, nor
directly writable by the user.
OFFSET DACS
In addition to the gain and offset trim for each DAC, there are
two 14-bit Offset DACs, one for Group 0, one for Group 1 to
Group 4. These allow the output range of all DACs connected to
them to be offset within a defined range. Thus, subject to the
limitations of headroom, it is possible to set the output range of
Group 0, or Groups 1 to Group 4 to be unipolar positive,
unipolar negative, or bipolar, either symmetrical or
asymmetrical about zero volts. The DACs in the AD5370 are
factory trimmed with the Offset DACs set at their default
values. This gives the best offset and gain performance for the
default output range and span.
When the output range is adjusted by changing the value of the
Offset DAC an extra offset is introduced due to the gain error
of the Offset DAC. The amount of offset is dependent on the
magnitude of the reference and how much the Offset DAC
moves from its default value. This offset is quoted on the
specification page. The worst case offset occurs when the Offset
DAC is at positive or negative full-scale. This value can be
added to the offset present in the main DAC of a channel to
give an indication of the overall offset for that channel. In most
cases the offset can be removed by programming the channels
C register with an appropriate value. The extra offset cause by
the Offset DACs only needs to be taken into account when the
Offset DAC is changed from its default value. Figure 9 shows
the allowable code range which may be loaded to the Offset
DAC and this is dependant on the reference value used. Thus,
for a 5V reference, the Offset DAC should not be programmed
with a value greater than 8192 (0x2000).
0
4096
8192
12288
16383
OFFSET DAC CODE
0
1
2
3
4
RESERVED
5
Figure 9. Offset DAC Code Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com