Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5370 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5370
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5370 Datasheet HTML 16Page - Analog Devices AD5370 Datasheet HTML 17Page - Analog Devices AD5370 Datasheet HTML 18Page - Analog Devices AD5370 Datasheet HTML 19Page - Analog Devices AD5370 Datasheet HTML 20Page - Analog Devices AD5370 Datasheet HTML 21Page - Analog Devices AD5370 Datasheet HTML 22Page - Analog Devices AD5370 Datasheet HTML 23Page - Analog Devices AD5370 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 21 of 24
Table 13. Address Codes for Data Readback
F15
F14
F13
F12
F11
F10
F9
F8
F7
REGISTER READ
0
0
0
X1A Register
0
0
1
X1B Register
0
1
0
C Register
0
1
1
Bits F12 to F7 select channel to be read
back, from Channel 0 = 001000 to
Channel 39 = 101111
M Register
1
0
0
0
0
0
0
0
1
Control Register
1
0
0
0
0
0
0
1
0
OFS0 Data Register
1
0
0
0
0
0
0
1
1
OFS1 Data Register
1
0
0
0
0
0
1
0
0
Reserved
1
0
0
0
0
0
1
1
0
A/B Select Register 0
1
0
0
0
0
0
1
1
1
A/B Select Register 1
1
0
0
0
0
1
0
0
0
A/B Select Register 2
1
0
0
0
0
1
0
0
1
A/B Select Register 3
1
0
0
0
0
1
0
1
0
A/B Select Register 4
Note: F6 to F0 are don’t care for data readback function.
Table 14. DACs Select by A/B Select Registers
Bits
A/B Select
Register
F7
F6
F5
F4
F3
F2
F1
F0
0
VOUT7
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
VOUT0
1
VOUT15
VOUT14
VOUT13
VOUT12
VOUT11
VOUT10
VOUT9
VOUT8
2
VOUT23
VOUT22
VOUT21
VOUT20
VOUT19
VOUT18
VOUT17
VOUT16
3
VOUT31
VOUT30
VOUT29
VOUT28
VOUT27
VOUT26
VOUT25
VOUT24
4
VOUT39
VOUT38
VOUT37
VOUT36
VOUT35
VOUT34
VOUT33
VOUT32
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful
consideration of the power supply and ground return layout
helps to ensure the rated performance. The printed circuit
board on which the AD5370 is mounted should be designed so
that the analog and digital sections are separated and confined
to certain areas of the board. If the AD5370 is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
For supplies with multiple pins (VSS, VDD, VCC), it is
recommended to tie these pins together and to decouple each
supply once.
The AD5370 should have ample supply decoupling of 10 µF in
parallel with 0.1 µF on each supply located as close to the
package as possible, ideally right up against the device. The
10µF capacitors are the tantalum bead type. The 0.1 µF capaci-
tor should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types that provide a low impedance path to ground at high
frequencies, to handle transient currents due to internal logic
switching.
Digital lines running under the device should be avoided,
because these couple noise onto the device. The analog ground
plane should be allowed to run under the AD5370 to avoid
noise coupling. The power supply lines of the AD5370 should
use as large a trace as possible to provide low impedance paths
and reduce the effects of glitches on the power supply line. Fast
switching digital signals should be shielded with digital ground
to avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. It is essential to mini-
mize noise on all VREF lines. Avoid crossover of digital and
analog signals. Traces on opposite sides of the board should run
at right angles to each other. This reduces the effects of
feedthrough through the board. A microstrip technique is by far
the best, but not always possible with a double-sided board. In
this technique, the component side of the board is dedicated to
ground plane, while signal traces are placed on the solder side.
As is the case for all thin packages, care must be taken to avoid
flexing the package and to avoid a point load on the surface of
this package during the assembly process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com