Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5370BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5370BSTZ Datasheet HTML 2Page - Analog Devices AD5370BSTZ Datasheet HTML 3Page - Analog Devices AD5370BSTZ Datasheet HTML 4Page - Analog Devices AD5370BSTZ Datasheet HTML 5Page - Analog Devices AD5370BSTZ Datasheet HTML 6Page - Analog Devices AD5370BSTZ Datasheet HTML 7Page - Analog Devices AD5370BSTZ Datasheet HTML 8Page - Analog Devices AD5370BSTZ Datasheet HTML 9Page - Analog Devices AD5370BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 6 of 24
TIMING CHARACTERISTICS
DVCC = 2.3 V to 5.5 V; VDD = 8 V to 16.5 V; VSS = −4.5 V to −16.5 V; VREF = 3 V; AGND = DGND = SIGGND = 0 V; RL = Open Circuit;
Gain (m), Offset (c) and DAC Offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
SPI INTERFACE (
Figure 4 and Figure 5)
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
SCLK Cycle Time.
t2
8
ns min
SCLK High Time.
t3
8
ns min
SCLK Low Time.
t4
11
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time.
t5
20
ns min
Minimum SYNC High Time.
t6
10
ns min
24th SCLK Falling Edge to SYNC Rising Edge.
t7
5
ns min
Data Setup Time.
t8
5
ns min
Data Hold Time.
t93
42
ns max
SYNC Rising Edge to BUSY Falling Edge.
t10
1.25
µs max
BUSY Pulse Width Low (Single-Channel Update.) See
Table 7.
t11
500
ns max
Single-Channel Update Cycle Time
t12
20
ns min
24th SCLK Falling Edge to LDAC Falling Edge.
t13
10
ns min
LDAC Pulse Width Low.
t14
3
µs max
BUSY Rising Edge to DAC Output Response Time.
t15
0
ns min
BUSY Rising Edge to LDAC Falling Edge.
t16
3
µs max
LDAC Falling Edge to DAC Output Response Time.
t17
20/30
µs typ/max
DAC Output Settling Time.
t18
125
ns max
CLR/RESET Pulse Activation Time.
t19
30
ns min
RESET Pulse Width Low.
t20
400
µs max
RESET Time Indicated by BUSY
Low.
t21
270
ns min
Minimum SYNC High Time in Readback Mode.
t225
25
ns max
SCLK Rising Edge to SDO Valid.
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3 See Figure 4and Figure 5.
4 This is measured with the load circuit of Figure 2.
5 This is measured with the load circuit of Figure 3.
TO
OUTPUT
PIN
VCC
RL
2.2k
Ω
CL
50pF
VOL
200µA
200µA
50pF
CL
IOL
IOL
VOH(min)-VOL (max)
2
TO
OUTPUT
PIN
Figure 2. Load Circuit for BUSY Timing Diagram
Figure 3. Load Circuit for SDO Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com