Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5370BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5370BSTZ Datasheet HTML 12Page - Analog Devices AD5370BSTZ Datasheet HTML 13Page - Analog Devices AD5370BSTZ Datasheet HTML 14Page - Analog Devices AD5370BSTZ Datasheet HTML 15Page - Analog Devices AD5370BSTZ Datasheet HTML 16Page - Analog Devices AD5370BSTZ Datasheet HTML 17Page - Analog Devices AD5370BSTZ Datasheet HTML 18Page - Analog Devices AD5370BSTZ Datasheet HTML 19Page - Analog Devices AD5370BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 16 of 24
RESET FUNCTION
When the RESET pin is taken low, the DAC buffers are
disconnected and the DAC outputs VOUT0 to VOUT39 are
tied to their associated SIGGND signals via a 10 kΩ resistor. On
the rising edge of RESET the AD5370 state machine initiates a
reset sequence to reset the X, M and C registers to their default
values. This sequence typically takes 300µs and the user should
not write to the part during this time. When the reset sequence
is complete, and provided that CLR is high, the DAC output will
be at a potential specified by the default register settings which
will be equivalent to SIGGGND. The DAC outputs will remain
at SIGGND until the X, M or C registers are updated and LDAC
is taken low.
CLEAR FUNCTION
CLR is an active low input which should be high for normal
operation. The CLR pin has in internal 500kΩ pull-down
resistor. When CLR is low, the input to each of the DAC output
buffer stages, VOUT0 to VOUT39, is switched to the externally
set potential on the relevant SIGGND pin. While CLR is low, all
LDAC pulses are ignored. When CLR is taken high again, the
DAC outputs remain cleared until LDAC is taken low. The
contents of input registers and DAC registers 0 to 39 are not
affected by taking CLR low. To prevent glitches appearing on
the outputs CLR should be brought low whenever the output
span is adjusted by writing to the offset DAC.
BUSY AND LDAC FUNCTIONS
The value of an X2 (A or B) register is calculated each time the
user writes new data to the corresponding X1, C, or M registers.
During the calculation of X2, the BUSY output goes low. While
BUSY is low, the user can continue writing new data to the X1,
M, or C registers, but no DAC output updates can take place.
The DAC outputs are updated by taking the LDAC input low. If
LDAC goes low while BUSY is active, the LDAC event is stored
and the DAC outputs update immediately after BUSY goes
high. A user can also hold the LDAC input permanently low. In
this case, the DAC outputs update immediately after BUSY goes
high. BUSY also goes low, for approximately 500ns, whenever
the A/B Select Registers are written to.
The BUSY pin is bidirectional and has a 50 kΩ internal pullup
resistor. Where multiple AD5370 devices may be used in one
system the BUSY pins can be tied together. This is useful where
it is required that no DAC in any device is updated until all
other DACs are ready. When each device has finished updating
the X2 (A or B) registers it will release the BUSY pin. If another
device hasn’t finished updating its X2 registers it will hold BUSY
low, thus delaying the effect of LDAC going low.
The DAC outputs are updated by taking the LDAC input low. If
LDAC goes low while BUSY is active, the LDAC event is stored
and the DAC outputs update immediately after BUSY goes
high. A user can also hold the LDAC input permanently low. In
this case, the DAC outputs update immediately after BUSY
goes high.
As described later, the AD5370 has flexible addressing that
allows writing of data to a single channel, all channels in a
group, the same channel in groups 0 to 4 or groups 1 to 4, or all
channels in the device. This means that 1, 5, 8 or 40 X2 register
values may need to be calculated and updated. As there is only
one multiplier shared between 40 channels, this task must be
done sequentially, so the length of the BUSY pulse will vary
according to the number of channels being updated.
Table 7. BUSY Pulse Widths
Action
BUSY Pulse
Width (µs max)
Loading X1A, X1B, C, or M to 1 channel
1.25
Loading X1A, X1B, C, or M to 5 channels
3.25
Loading X1A, X1B, C, or M to 8 channels
4.75
Loading X1A, X1B, C, or M to 40 channels
20.75
BUSY Pulse Width = ((Number of Channels +1) × 500ns) +250ns
The AD5370 contains an extra feature whereby a DAC register
is not updated unless its X2A or X2B register has been written
to since the last time LDAC was brought low. Normally, when
LDAC is brought low, the DAC registers are filled with the
contents of the X2A or X2B registers, depending on the setting
of the A/B Select Registers. However the AD5370 updates the
DAC register only if the X2 data has changed, thereby
removing unnecessary digital crosstalk.
POWER-DOWN MODE
The AD5370 can be powered down by setting Bit 0 in the
control register. This will turn off the DACs thus reducing the
current consumption. The DAC outputs will be connected to
their respective SIGGND potentials. The power-down mode
doesn’t change the contents of the registers and the DACs will
return to their previous voltage when the power-down bit is
cleared.
THERMAL MONITOR FUNCTION
The AD5370 can be programmed to power down the DAC s if
the temperature on the die exceeds 130°C. Setting Bit 1 in the
control register (see Table 12) will enable this function. If the
die temperature exceeds 130°C the AD5370 will enter a
temperature power-down mode, which is equivalent to setting
the power-down bit in the control register. To indicate that the
AD5370 has entered temperature shutdown mode Bit 4 of the
control register is set. The AD5370 will remain in temperature
power-down mode, even if the die temperature falls, until Bit 1
in the control register is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com