Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5370BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD5370BSTZ Datasheet HTML 1Page - Analog Devices AD5370BSTZ Datasheet HTML 2Page - Analog Devices AD5370BSTZ Datasheet HTML 3Page - Analog Devices AD5370BSTZ Datasheet HTML 4Page - Analog Devices AD5370BSTZ Datasheet HTML 5Page - Analog Devices AD5370BSTZ Datasheet HTML 6Page - Analog Devices AD5370BSTZ Datasheet HTML 7Page - Analog Devices AD5370BSTZ Datasheet HTML 8Page - Analog Devices AD5370BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 3 of 24
General Description
The AD5370 contains 40, 16-bit DACs in a single, 64-lead,
LFCSP or LQFP package. The AD5370 provides buffered
voltage outputs with a span 4 times the reference voltage. The
gain and offset of each DAC can be independently trimmed to
remove errors. For even greater flexibility, the device is divided
into 5 groups of 8 DACs. Two offset DACs allow the output
range of the groups to be altered. Group 0 can be adjusted by
Offset DAC 0 and group 1 to group 4 can be adjusted by Offset
DAC 2.
The AD5370 offers guaranteed operation over a wide supply
range with VSS from -4.5V to -16.5 V and VDD from +8 V to
+16.5 V. The output amplifier headroom requirement is 1.4 V
operating with a load current of 1 mA.
The AD5370 has a high-speed serial interface, which is
compatible with SPI®, QSPI™, MICROWIRE™, and DSP
interface standards and can handle clock speeds of up to 50
MHz.
The DAC outputs are updated on reception of new data into the
DAC registers. All the outputs can be updated simultaneously
by taking the LDAC input low. Each channel has a program-
mable gain and an offset adjust register.
Each DAC output is gained and buffered on-chip with respect
to an external SIGGND input. The DAC outputs can also be
switched to SIGGND via the CLR pin.
Table 1. High Channel Count Bipolar DACs
Model
Resolution
Nominal Output Span
Output
Channels
Linearity Error
(LSB)
Package Description
Package Option
AD5360BCPZ
16 Bits
4 × V REF (20 V)
16
±4
56-Lead LFCSP
CP-56
AD5360BSTZ
16 Bits
4 × V REF (20 V)
16
±4
52-Lead LQFP
ST-52
AD5361BCPZ
14 Bits
4 × V REF (20 V)
16
±1
56-Lead LFCSP
CP-56
AD5361BSTZ
14 Bits
4 × V REF (20 V)
16
±1
52-Lead LQFP
ST-52
AD5362BCPZ
16 Bits
4 × V REF (20 V)
8
±4
56-Lead LFCSP
CP-56
AD5362BSTZ
16 Bits
4 × V REF (20 V)
8
±4
52-Lead LQFP
ST-52
AD5363BCPZ
14 Bits
4 × V REF (20 V)
8
±1
56-Lead LFCSP
CP-56
AD5363BSTZ
14 Bits
4 × V REF (20 V)
8
±1
52-Lead LQFP
ST-52
AD5370BCPZ
16 Bits
4 × V REF (12 V)
40
±4
64-Lead LFCSP
CP-64
AD5370BSTZ
16 Bits
4 × V REF (12 V)
40
±4
64-Lead LQFP
ST-64
AD5371BCPZ
14 Bits
4 × V REF (12 V)
40
±1
100-Ball CSPBGA
BC-100-2
AD5371BSTZ
14 Bits
4 × V REF (12 V)
40
±1
80-Lead LQFP
ST-80
AD5372BCPZ
16 Bits
4 × V REF (12 V)
32
±4
56-Lead LFCSP
CP-56
AD5372BSTZ
16 Bits
4 × V REF (12 V)
32
±4
64-Lead LQFP
ST-64
AD5373BCPZ
14 Bits
4 × V REF (12 V)
32
±1
56-Lead LFCSP
CP-56
AD5373BSTZ
14 Bits
4 × V REF (12 V)
32
±1
64-Lead LQFP
ST-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com