Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 32Page - Analog Devices AD5522JSVDZ Datasheet HTML 33Page - Analog Devices AD5522JSVDZ Datasheet HTML 34Page - Analog Devices AD5522JSVDZ Datasheet HTML 35Page - Analog Devices AD5522JSVDZ Datasheet HTML 36Page - Analog Devices AD5522JSVDZ Datasheet HTML 37Page - Analog Devices AD5522JSVDZ Datasheet HTML 38Page - Analog Devices AD5522JSVDZ Datasheet HTML 39Page - Analog Devices AD5522JSVDZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 36 of 45
READBACK OF PMU REGISTER
The PMU readback function is a 24 bit word, mode, address and PMU data bits.
Table 24. Readback PMU Register (Only one PMU register may be read back at any one time).
Bit
Bit name
Description
23 (MSB)
MODE1
0
22
MODE0
0
PMU REGISTER SPECIFIC BITS
21
CH EN
Channel Enable, If high selected channel is enabled, otherwise disabled.
20
FORCE1
19
FORCE0
These bits tell what force and measure mode the selected channel is in.
18
RESERVED
0
17
C2
16
C1
15
C0
These three bits tell what forced or measured current range is set for the selected channel.
14
MEAS1
13
MEAS0
Bits MEAS1 and MEAS0 tell which measure mode is selected, voltage, current, temperature sensor or Hi-
Z.
12
FIN
This bit shows the status of the Force input amplifier.
11
SFO
10
SSO
The system force and sense lines may be connected to any of the four PMU channels. Reading back these
bits tell if they are switched in or not.
9
CL
A logic high in this readback position tells if the Per PMU clamp is enabled, while if low, the clamp is
disabled. The clamp enable function is also available in the System Control Register. This dual
functionality allows flexible enable or disabling of this function. When reading back information on the
status of the clamp enable function, what was most recently written to the clamp register from either
System Control register or PMU register will be available in the readback word.
8
CPOLH
A logic high indicates that the PMU comparator output is enabled, while if low, it’s disabled. The
comparator output enable function is also available in the System Control Register. This dual
functionality allows flexible enable or disabling of this function. When reading back information on the
status of the comparator output enable function, what was most recently written to the comparator
register from either System Control register or PMU register will be available in the readback word.
7
COMPARE V/I
A logic high selects indicates the selected channel is comparing voltage function, while logic low, current
function.
6
LTMPALM
5
TMPALM
TMPALM corresponds to the open drain TMPALM output pin which flags the user of a temperature event
exceeding the default or user programmed level. The temperature alarm is a per device alarm, and latched
(LTMPALM) and unlatched (TMPALM) bits tell a temperature event occurred and if the alarm still exists (if
the junction temperature still exceeds the programmed alarm level). To reset an alarm event, the user
must write to the CLEAR bit in the PMU register.
4, 3, 2, 1, 0 (LSB)
Unused Readback bits
Will be loaded with zeros.
READBACK OF COMPARATOR STATUS REGISTER
The Comparator output status Register is a read only register giving access to the output status of each of the comparators on the chip.
Table 25 shows the format of the comparator readback word.
Table 25. Comparator Status Readback Register
Bit
Bit name
Description
23 (MSB)
MODE1
0
22
MODE0
1
COMPARATOR STATUS REGISTER SPECIFIC BITS
21
CP0L0
20
CP0H0
19
CP0L1
18
CP0H1
17
CP0L2
16
CP0H2
15
CP0L3
14
CP0H3
Comparator output conditions per channel corresponding to the comparator output pins.
13 to 0 (LSB)
Unused Readback bits
Will be loaded with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com