Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices AD5522JSVDZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 27 of 45
REGISTER SELECTION
The serial word assignment consists of 29 bits. Bits 28 through
to 22 are common to all registers, whether writing to or reading
from the device. PMU3 to PMU0 data bits address each PMU
channel (or associated DAC register). When PMU3 to PMU0
are all zeros, the System Control Register is addressed. Mode
Bits MODE0 and MODE1 address the different sets of DAC
registers and the PMU register.
Readback Control, RD/WR
The R/W bit set high initiates a readback sequence of PMU,
Alarm, Comparator, System Control Register or DAC
information as determined by address bits.
PMU Address Bits, PMU3, PMU2, PMU1, PMU0
Bits PMU3 through PMU0 address each of the PMU channels
on chip. This allows individual control of each PMU channel or
any manner of combined addressing in addition to multi
channel programming. PMU bits also allow access to write
registers such as the System Control Register and the many
DAC registers, in addition to reading from all the registers.
Table 13. Mode Bits
B23
B22
WRITE FUNCTION
MODE1
MODE0
Action
0
0
System Control Register or PMU Register
0
1
DAC Gain (m) Register
1
0
DAC Offset (c) Register
1
1
DAC Input Data Register, (x1)
Table 14. Read and Write Functions of the AD5522
B28
B27
B26
B25
B24
B23
B22
B21 to B0
SELECTED REGISTER
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
DATA BITS
CH3
CH2
CH1
CH0
WRITE FUNCTIONS
0
0
0
0
0
0
0
DATA BITS
Write to System Control Register (
Table 16)
0
0
0
0
0
0
1
DATA BITS
RESERVED
0
0
0
0
0
1
0
DATA BITS
RESERVED
0
0
0
0
0
1
1
11 1111 1111 1111 1111 1111b
NOP (No Operation)
0
0
0
0
0
1
1
DATA BITS other than all 1’s
RESERVED
WRITE ADDRESSED DAC OR PMU REGISTER
0
0
0
0
1
×
×
×
CHO
0
0
0
1
0
×
×
CH1
×
0
0
0
1
1
×
×
CH1
CH0
0
0
1
0
0
×
CH2
×
×
0
-
-
-
-
-
-
-
-
0
1
0
0
0
CH3
×
×
×
0
-
-
-
-
-
-
-
-
0
1
1
1
0
CH3
CH2
CH1
×
0
1
1
1
1
Select DAC or PMU Registers.
See Table 13
DATA BITS
CH3
CH2
CH1
CH0
READ FUNCTIONS
1
0
0
0
0
0
0
All zeros
Read from System Control Register
1
0
0
0
0
0
1
All zeros
Read from Comparator Status Registers
1
0
0
0
0
1
0
X
Reserved
1
0
0
0
0
1
1
All zeros
Read from Alarm Status Register
READ ADDRESSED DAC or PMU REGISTER – Can only read one PMU or DAC register at one time.
1
0
0
0
1
×
×
×
CH0
1
0
0
1
0
×
×
CH1
×
1
0
1
0
0
×
CH2
×
×
1
1
0
0
0
PMU/.DAC REGISTER ADDRESS
SEE
Table 13
DAC ADDRESS SEE
Table 21
CH3
×
×
×
NOP (No Operation)
If a NOP (No Operation) command is loaded, no change is made to DAC or PMU registers. This code is useful when performing a read
back of a register within the device (via the SDO pin) where a change of DAC code or PMU function may not be required
Reserved Commands
Any bit combination that is not described in the Register address tables for the PMU, DAC and System Control Registers are Reserved
commands. These commands are unassigned commands; they are reserved for factory use. To ensure correct operation of the device, do
not used reserved commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com