Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices AD5522JSVDZ Datasheet HTML 31Page - Analog Devices AD5522JSVDZ Datasheet HTML 32Page - Analog Devices AD5522JSVDZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 29 of 45
8
GUARD EN
Guard enable. The Guard Amplifier is disabled on power on; write a “1” to enable it. Disabling the guard function if not in use saves
power (typically 400μA per Channel).
7
GAIN1
6
GAIN0
MEASOUT Output Range. The MEASOUT range defaults to the voltage force span for voltage and current measurements, this is
±11.25V, which includes some over range to allow for offset correction. The MEASOUT range may be reduced by using the GAIN0
and GAIN1 data bits. This allows for use of asymmetrical supplies and also for use of a smaller input range ADC.
GAIN1 = “0”VREF = 5V
GAIN1 = “1”
MEASOUT Function
MEASOUT Gain = 1
MEASOUT Gain = 1/5
MV
±VDUT (up to 11.25V)
5
4.5VREF
to
0
GAIN0 = “0”
CURRENT MEAS GAIN = 10
±VRSENSE X 10 = up to ±11.25V
0 to 4.5V
MI
GAIN0 = “1”
CURRENT MEAS GAIN = 5
± VRSENSE X 5 = up to ±5.625
0 to 2.25V
5
TMP ENABLE
4
TMP1
3
TMP0
Thermal Shutdown Function, TMP ENABLE, TMP1, TMP0
To disable the Thermal Shutdown feature, write a “0” to the TMP ENABLE bit (enabled by default). Bits TMP1 and TMP0 allow the
user to program the thermal shutdown temperature of operation.
TMP ENABLE
TMP1
TMP0
Action
0
X
X
Thermal Shutdown Disabled
1
X
X
Thermal Shutdown Enabled
1
0
0
Shutdown at Junction Temp of 130°C
(Power On Default)
1
0
1
Shutdown at Junction Temp of 120°C
1
1
0
Shutdown at Junction Temp of 110°C
1
1
1
Shutdown at Junction Temp of 100°C
2
LATCHED
Configure open drain CGALM as a latched or unlatched output pin. When high, this bit sets the CGALM alarm output as latched
outputs allowing it to drive a controller I/O without having to poll the line constantly. Default condition on power on is unlatched.
1
0
0
(LSB)
0
Unused bits. Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com