Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5667-RBRMZ-2 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5667-RBRMZ-2
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667-RBRMZ-2 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5667-RBRMZ-2 Datasheet HTML 22Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 23Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 24Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 25Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 26Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 27Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 28Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 29Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Preliminary Technical Data
Rev. PrA. | Page 30 of 30
ORDERING GUIDE
Model
Temperature
Range
Accuracy
On-Chip
Reference
Max I2C
Speed
Package
Description
Package
Option
Branding
AD5627BCPZ-250RL71
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10 -9
DA1
AD5627BCPZ-REEL71
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
DA1
AD5627BRMZ1
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead MSOP
RM-10
DA1
AD5627BRMZ-REEL71
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead MSOP
RM-10
DA1
AD5627RBCPZ-250RL71
−40°C to +105°C
±1 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D9J
AD5627RBCPZ-REEL71
−40°C to +105°C
±1 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D9J
AD5627RBRMZ-11
−40°C to +105°C
±1 LSB INL
2.5 V
400 kHz
10-Lead MSOP
RM-10
DA1
AD5627RBRMZ-1REEL71
−40°C to +105°C
±1 LSB INL
2.5 V
400 kHz
10-Lead MSOP
RM-10
DA1
AD5627RBRMZ-21
−40°C to +105°C
±1 LSB INL
2.5 V
3.4 MHz
10-Lead MSOP
RM-10
DA1
AD5627RBRMZ-2REEL71
−40°C to +105°C
±1 LSB INL
2.5 V
3.4 MHz
10-Lead MSOP
RM-10
DA1
AD5647RBCPZ-250RL71
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
RU-14
D9G
AD5647RBCPZ-REEL71
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
RU-14
D9G
AD5647RBRMZ1
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
10-Lead MSOP
RM-10
D9G
AD5647RBRMZ-REEL71
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
10-Lead MSOP
RM-10
D9G
AD5667BCPZ-250RL71
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D9Z
AD5667BCPZ-REEL71
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D9Z
AD5667BRMZ1
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead MSOP
RM-10
D9Z
AD5667BRMZ-REEL71
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead MSOP
RM-10
D9Z
AD5667RBCPZ-250RL71
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8X
AD5667RBCPZ-REEL71
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8X
AD5667RBRMZ-11
−40°C to +105°C
±16 LSB INL
2.5 V
400 kHz
10-Lead MSOP
RM-10
DA5
AD5667RBRMZ-1REEL71
−40°C to +105°C
±16 LSB INL
2.5 V
400 kHz
10-Lead MSOP
RM-10
DA5
AD5667-RBRMZ-21
−40°C to +105°C
±16 LSB INL
2.5 V
3.4 MHz
10-Lead MSOP
RM-10
DA5
AD5667RBRMZ-2REEL71
−40°C to +105°C
±16 LSB INL
2.5 V
3.4 MHz
10-Lead MSOP
RM-10
DA5
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com