Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5667-RBRMZ-2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5667-RBRMZ-2
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667-RBRMZ-2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5667-RBRMZ-2 Datasheet HTML 18Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 19Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 20Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 21Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 22Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 23Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 24Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 25Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Preliminary Technical Data
Rev. PrA. | Page 22 of 30
R/W
0
SCL
SDA
0
0
1
1
A1
A0
DB23 DB 22 D B21 DB 20 DB1 9 DB 18 D B17 DB 16
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
COMMAND BYTE
19
1
ACK. BY
AD56x7
9
DB7
D B 6
DB 5
D B4
D B3
DB 2
D B1
DB 0
NO ACK.
STOP BY
MASTER
19
9
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 D B13 DB12 DB11 DB1 0 DB9
DB8
ACK. BY
MASTER
1
FRAME 3
MOST SIGNIFICANT
DATA BYTE
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
Figure 53. I2C Read Operation
HIGH SPEED MODE
Some models offer high-speed serial communication with a
clock frequency of 3.4 MHz. See the Ordering Information on
the back page for a full list of models.
High speed mode communication commences after the master
addresses all devices connected to the bus with the Master Code
00001XXX to indicate that a high speed mode transfer is to
begin. No device connected to the bus is permitted to
acknowledge the high speed master code, therefore, the code is
followed by a no acknowledge. The master must then issue a
repeated start followed by the device address. The selected
device then acknowledges its address. All devices continue to
operate in high speed mode until the master issues a stop
condition. When the stop condition is issued, the devices
return to standard/fast mode. The part will also exit high speed
mode when
CLR is activated.
0
SCL
SDA
0
0
1
X
X
0
0
0
1
1
A1
A0
START BY
MASTER
HS-MODE MASTER CODE
SERIAL BUS ADDRESS BYTE*
19
1
9
ACK. BY
AD56x7
0
X
NACK
SR
R/W
FAST MODE
HIGH-SPEED MODE
Figure 54. Placing the AD56x7 in High-Speed Mode
MULTIPLE BYTE WRITE
Once an AD56x7 has been addressed, one or more three-byte
blocks of command and data can be sent to the device, until a
stop condition is received. The device must then be re-
addressed. For this type of operation, the “S” bit in the
command byte is set to zero.
For some types of application such as waveform generation, it
may be required to update a DAC or DACs as fast as possible
without changing the command byte. In this case the “S” bit in
the initial command byte is set to 1. This sets the command
parameters for all subsequent data. Thereafter, multiple two-
byte blocks of data high byte and data low byte can be sent,
without sending a further command byte, until a stop condition
is received.
The “S” bit is only active in the first command byte following
the device slave address. Therefore, even if the “S” bit is 0 and
three-byte blocks of command and data are being sent, it is not
possible to alter the multi-byte mode by changing the “S” bit to
1 “on-the-fly” during any subsequent command byte.
STOP
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK 1
S=0
SLAVE
ADDRESS
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK 2
S=0
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK n
S=0
Figure 55. Multiple Block Write With Command Byte in Each Block (S=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com