Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5667-RBRMZ-2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5667-RBRMZ-2
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667-RBRMZ-2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5667-RBRMZ-2 Datasheet HTML 22Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 23Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 24Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 25Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 26Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 27Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 28Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 29Page - Analog Devices AD5667-RBRMZ-2 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Preliminary Technical Data
Rev. PrA. | Page 26 of 30
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 62. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are shutdown when power-
down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit
power-down is typically 4 µs for VDD = 5 V and for VDD = 3 V.
Figure 61 shows the format of the power up/down command.
Note that, during the power up/down command, the DAC
address bits A2 – A0 are ignored.
POWER-ON-RESET AND SOFTWARE RESET
The AD56x7 contains a power-on reset circuit that controls the
output voltage during power-up. The device powers up to 0V
and the output remains powered up at this level until a valid
write sequence is made to the DAC. This is useful in
applications where it is important to know the state of the
output of the DAC while it is in the process of powering up.
Any events on LDAC or CLR during power-on reset are
ignored.
There is also a software reset function. Command 101 is the
software reset command. The software reset command contains
two reset modes that are software programmable by setting bit
DB0 in the input shift register.
Table 12 shows how the state of the bit corresponds to the
software reset modes of operation of the devices. Figure 64
shows the contents of the input shift register during the
software reset mode of operation.
Table 12. Software Reset Modes for the
AD5627R/AD5647R/AD5667R, AD5627/AD5667
DB0
Registers reset to zero
0
DAC register
Input shift register
1 (Power-On Reset)
DAC register
Input shift register
LDAC register
Power-down register
Internal reference setup register
CLEAR PIN (CLR)
The AD56x7 has an asynchronous clear input. The CLR input is
falling edge sensitive.
While CLR is low, all LDAC pulses are
ignored. When CLR is activated, zero scale is loaded to all input
and DAC registers. This clears the output to 0 V. The part exits
clear code mode on the 24th falling edge of the next write to the
part. If CLR is activated during a write sequence, the write is
aborted. If CLR is activated during high speed mode the part
will exit high speed mode to fast mode.
1
0
1
X
X
X
X
X
XX
X
X
XX
X
X
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
DON’T CARE
X
S
0
RST
XX
X
X
X
RESET
MODE
X
RES
DON’T
CARE
Figure 63. Reset Command
INTERNAL REFERENCE SETUP (-R VERSIONS)
The on-chip reference is off at power-up by default. It can be
turned on by sending the reference setup command (111) and
setting DB0 in the input shift register. Table 14 shows how the
state of the bit corresponds to the mode of operation.
Table 14. Reference Setup Command
(DB0)
Action
0
Internal reference off (default)
1
Internal reference on
1
1
1
X
XXX
XX
X
X
XX
XXX
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
DON’T CARE
R
S
0
REF
XX
X
X
X
REF.
MODE
DON’T
CARE
RES
X
Figure 64. Reference Setup Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com